Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4403 Datasheet(PDF) 5 Page - Weitron Technology

Part No. 2N4403
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

2N4403 Datasheet(HTML) 5 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N4403
WEITRON
http://www.weitron.com.tw
FIG. 13 Output Admittance
IC, COLLECTOR CURRENT (mAdc)
500
1.0
50
20
10
5.0
2.0
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
5.0 7.0
2N4403 UNIT 1
2N4403 UNIT 2
100
FIG. 14 DC Current Gain
IC , COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0 7.0
TJ = 125C
- 55 C
2.0
200
300
25 C
VCE = 1.0 V
VCE = 10 V
FIG. 15 Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
500 mA
0.005


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9012LT1General Purpose Transistors PNP Silicon 1 2 Leshan Radio Company
ZTX214PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
L2SA1576AT1General Purpose Transistors PNP Silicon 1 2 3 4 Leshan Radio Company
L9015LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L2SA1774T1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
LBC807-16LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
2N3705PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn