Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N3906 Datasheet(PDF) 1 Page - Weitron Technology

Part No. 2N3906
Description  PNP General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

2N3906 Datasheet(HTML) 1 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
Value
Unit
Vdc
Vdc
Vdc
mAdc
Rating
2N3906
Tstg
PD
C
C
WEITRON
http://www.weitron.com.tw
PNP General Purpose Transistors
(Ta=25 C)
-40
-5.0
-200
-40
Total Device Dissipation T =25 C
0.625
W
Junction Temperature
T j
150
Storage, Temperature
-55 to +150
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= 1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -100 uAdc, IC=0)
Collector Cutoff Current (VCE= -40 Vdc, I =0)
Collector Cutoff Current (VCB= -40 Vdc, IE=0)
Emitter Cutoff Current (VEB= -5.0V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICE0
ICBO
IEBO
-5.0
-
-
-
-
-
-
-0.1
Vdc
Vdc
Vdc
uAdc
uAdc
uAdc
-40
-40
-0.1
-0.1
d
B
C


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCX17PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
PEMZ7NPN/PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
BC557BPNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MMBT2907ATPNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
S9015PNP General Purpose Transistors 1 2 3 4 Weitron Technology
2SA1020PNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
MMBT2907AWPNP General Purpose Transistors 1 2 3 4 5 MoreWeitron Technology
2SA1036KPNP General Purpose Transistors 1 2 3 4 Weitron Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn