Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS400 Datasheet(PDF) 1 Page - Weitron Technology

Part # 1SS400
Description  Surface Mount Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1SS400 Datasheet(HTML) 1 Page - Weitron Technology

  1SS400 Datasheet HTML 1Page - Weitron Technology 1SS400 Datasheet HTML 2Page - Weitron Technology 1SS400 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.weitron.com.tw
WEITRON
1SS400
SWITCHING DIODE
100 mAMPERES
90 VOLTS
Surface Mount Switching Diodes
Features:
*Extremely High Switching Speed.
*Low Reverse Leakage Current.
*High Reliability.
*Small Outline Surface Mount SOD-523 Package.
Applications:
*High Speed Switching.
Dim
A
B
C
D
H
J
K
Min
1.10
0.70
0.50
0.25
0.16
0.11
1.50
Max
1.30
0.90
0.70
0.35
0.24
0.13
1.70
SOD-523
P IN 1. C A T HODE
2. A NODE
SOD-523 Outline Dimensions
SOD-523
Lead(Pb)-Free
P b
1
2


Similar Part No. - 1SS400

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1SS400 BILIN-1SS400 Datasheet
110Kb / 3P
   High speed Switching Diode
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
   Switching diode
logo
Taiwan Semiconductor Co...
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
logo
Nanjing International G...
1SS400 DGNJDZ-1SS400 Datasheet
5Mb / 4P
   High reliability with high surge current handing capability
logo
SHENZHEN SLS TECHNOLOGY...
1SS400 SHENZHENSLS-1SS400 Datasheet
402Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - 1SS400

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com