Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C16915PMB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # P4C16915PMB
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C16915PMB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  P4C16915PMB Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C16915PMB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
P4C168, P4C169, P4C170
38
Mode
CE
CE
CE
CE
CE (CS
CS
CS
CS
CS)
WE
WE
WE
WE
WE
Output
Standby (Deselect)
H
X
High Z
Read
L
H
D
OUT
Write
L
L
High Z
166.5
=
R
TH
30pF(5pF* for tHZ, tLZ, tOHZ,
tOLZ, tWZ and tOW
VTH = 1.73 V
DOUT
t
t
WE
ADDRESS
CE/CS
DATA OUT
DATA IN
t WC
DATA VALID
HIGH IMPEDANCE
(12)
t AS
t CW
t AW
t WP
DW
AH
WR
t DH
t
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (
CE
CE
CE
CE
CE/CS
CS
CS
CS
CS CONTROLLED)(10)
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C168, P4C169 AND P4C170
care must be taken when testing these devices; an inadequate setup can
cause a normal functioning part to be rejected as faulty. Long high-
inductance leads that cause supply bounce must be avoided by bringing
the V
CC and ground planes directly up to the contactor fingers. A 0.01 µF
Figure 1. Output Load
Figure 2. Thevenin Equivalent
TRUTH TABLES
P4C168 (P4C169)
P4C170
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
high frequency capacitor is also required between V
CC and ground. To
avoid signal reflections, proper termination must be used; for example,
a 50
Ω test environment should be terminated into a 50Ω load with 1.73V
(Thevenin Voltage) at the comparator input, and a 116
Ω resistor must be
used in series with D
OUT to match 166Ω (Thevenin Resistance).
Mode
CE
CE
CE
CE
CE
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
Output
Deselect
H
X
X
High Z
Read
L
H
L
D
OUT
Output Inhibit
L
H
H
High Z
Write
L
L
X
High Z
DOUT
255
480
300pF(5pF* for tHZ, tLZ, tOHZ,
tOLZ, tWZ and tOW)
+5


Similar Part No. - P4C16915PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C169 PYRAMID-P4C169 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CC PYRAMID-P4C169-12CC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CM PYRAMID-P4C169-12CM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DC PYRAMID-P4C169-12DC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DM PYRAMID-P4C169-12DM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C16915PMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com