Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F181N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F181N
Description  Arithmetic logic unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F181N Datasheet(HTML) 7 Page - NXP Semiconductors

  N74F181N Datasheet HTML 1Page - NXP Semiconductors N74F181N Datasheet HTML 2Page - NXP Semiconductors N74F181N Datasheet HTML 3Page - NXP Semiconductors N74F181N Datasheet HTML 4Page - NXP Semiconductors N74F181N Datasheet HTML 5Page - NXP Semiconductors N74F181N Datasheet HTML 6Page - NXP Semiconductors N74F181N Datasheet HTML 7Page - NXP Semiconductors N74F181N Datasheet HTML 8Page - NXP Semiconductors N74F181N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
March 3, 1989
7
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
Tamb = +25°C
CL = 50pF
RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF
RL = 500Ω
UNIT
Mode
Table
Waveform
Condition
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Cn to Cn+4
Sum
Diff
1
2
1
M=0V
3.0
2.5
5.0
5.0
8.0
8.0
3.0
2.5
8.5
8.5
ns
tPLH
tPHL
Propagation delay
An or Bn to Cn+4
Sum
1
2
M=S1=S2=0V,
S0=S3=4.5V
5.0
5.0
9.0
8.0
12.0
12.0
5.0
5.0
13.0
12.5
ns
tPLH
tPHL
Propagation delay
An or Bn to Cn+4
Diff
2
2
M=S0=S3=0V,
S1=S2=4.5V
5.0
5.0
9.5
8.0
13.0
12.0
5.0
5.0
14.0
12.5
ns
tPLH
tPHL
Propagation delay
Cn to Fn
Diff
Sum
2
1
1
M=0V
3.0
3.0
5.0
5.0
8.0
8.0
3.0
2.5
9.0
9.0
ns
tPLH
tPHL
Propagation delay
An or Bn to G
Sum
1
1
M=S1=S2=0V,
S0=S3=4.5V
3.0
3.0
5.0
5.0
7.5
7.5
2.5
2.5
8.0
8.0
ns
tPLH
tPHL
Propagation delay
An or Bn to G
Diff
2
2
M=S0=S3=0V,
S1=S2=4.5V
3.0
3.0
4.5
5.0
8.0
8.5
2.5
2.5
9.0
9.5
ns
tPLH
tPHL
Propagation delay
An or Bn to P
Sum
1
2
M=S1=S2=0V,
S0=S3=4.5V
2.5
3.0
4.0
4.5
7.0
7.5
2.0
2.5
7.5
8.0
ns
tPLH
tPHL
Propagation delay
An or Bn to P
Diff
2
1, 2
M=S0=S3=0V,
S1=S2=4.5V
2.5
3.0
4.0
5.0
7.5
8.5
2.0
2.5
8.0
9.0
ns
tPLH
tPHL
Propagation delay
Ai or Bi to Fi
Sum
1
1, 2
M=S1=S2=0V,
S0=S3=4.5V
3.0
3.0
4.5
4.5
7.5
7.5
2.5
3.0
8.5
8.5
ns
tPLH
tPHL
Propagation delay
Ai or Bi to Fi
Diff
2
1, 2
M=S0=S3=0V,
S1=S2=4.5V
3.0
3.0
4.5
5.0
8.5
8.5
2.5
3.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
An or Bn to Fn
Sum
1, 2
3.5
3.5
6.0
5.5
10.0
9.5
3.0
3.0
11.0
10.0
ns
tPLH
tPHL
Propagation delay
An or Bn to Fn
Diff
1, 2
4.0
4.5
6.5
7.0
10.5
10.5
3.5
4.5
11.0
11.0
ns
tPLH
tPHL
Propagation delay
Ai or Bi to Fi
Logic
3
1, 2
M=4.5V
3.5
3.5
5.5
5.5
9.0
10.0
3.0
3.0
9.5
10.5
ns
tPLH
tPHL
Propagation delay
An or Bn to A=B
Diff
2
1, 2
M=S0=S3=0V,
S1=S2=4.5V
10.0
6.0
14.0
8.5
19.0
12.5
9.5
5.5
20.5
12.5
ns
NOTES:
“An or Bn to Fn” means any A or any B to any F; “Ai or Bi to Fi” means A1, B1 to F1; A2, B2 to F2 (the identifying number must be the same).


Similar Part No. - N74F181N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F1804D PHILIPS-N74F1804D Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
N74F1804N PHILIPS-N74F1804N Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
N74F1805D PHILIPS-N74F1805D Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
N74F1805N PHILIPS-N74F1805N Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
N74F1808D PHILIPS-N74F1808D Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
More results

Similar Description - N74F181N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
74F381 PHILIPS-74F381 Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com