Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS93C66A-3ZLA3 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS93C66A-3ZLA3
Description  2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C66A-3ZLA3 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS93C66A-3ZLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS93C66A-3ZLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. A
05/02/06
IS93C56A
IS93C66A
ISSI®
AC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C for Industrial
Symbol Parameter
Test Conditions
Min.
Max.
Unit
fSK
SK Clock Frequency
1.8V
≤ Vcc < 2.5V
0
1
Mhz
2.5V
≤ Vcc < 4.5V
0
2
Mhz
4.5V
≤ Vcc ≤ 5.5V
0
3
Mhz
tSKH
SK HIGH Time
1.8V
≤ Vcc < 2.5V
250
ns
2.5V
≤ Vcc < 4.5V
200
ns
4.5V
≤ Vcc ≤ 5.5V
200
ns
tSKL
SK LOW Time
1.8V
≤ Vcc < 2.5V
250
ns
2.5V
≤ Vcc < 4.5V
200
ns
4.5V
≤ Vcc ≤ 5.5V
100
ns
tCS
Minimum CS LOW Time
1.8V
≤ Vcc < 2.5V
250
ns
2.5V
≤ Vcc < 4.5V
200
ns
4.5V
≤ Vcc ≤ 5.5V
200
ns
tCSS
CS Setup Time
Relative to SK
1.8V
≤ Vcc < 2.5V
200
ns
2.5V
≤ Vcc < 4.5V
100
ns
4.5V
≤ Vcc ≤ 5.5V
50
ns
tDIS
Din Setup Time
Relative to SK
1.8V
≤ Vcc < 2.5V
100
ns
2.5V
≤ Vcc < 4.5V
50
ns
4.5V
≤ Vcc ≤ 5.5V
50
ns
tCSH
CS Hold Time
Relative to SK
1.8V
≤ Vcc < 2.5V
0
ns
2.5V
≤ Vcc < 4.5V
0
ns
4.5V
≤ Vcc ≤ 5.5V
0
ns
tDIH
Din Hold Time
Relative to SK
1.8V
≤ Vcc < 2.5V
50
ns
2.5V
≤ Vcc < 4.5V
50
ns
4.5V
≤ Vcc ≤ 5.5V
50
ns
tPD1
Output Delay to “1”
AC Test
1.8V
≤ Vcc < 2.5V
400
ns
2.5V
≤ Vcc < 4.5V
200
ns
4.5V
≤ Vcc ≤ 5.5V
100
ns
tPD0
Output Delay to “0”
AC Test
1.8V
≤ Vcc < 2.5V
400
ns
2.5V
≤ Vcc < 4.5V
200
ns
4.5V
≤ Vcc ≤ 5.5V
100
ns
tSV
CS to Status Valid
AC Test
1.8V
≤ Vcc < 2.5V
400
ns
2.5V
≤ Vcc < 4.5V
200
ns
4.5V
≤ Vcc ≤ 5.5V
200
ns
tDF
CS to Dout in 3-state
AC Test, CS=VIL
1.8V
≤ Vcc < 2.5V
100
ns
2.5V
≤ Vcc < 4.5V
100
ns
4.5V
≤ Vcc ≤ 5.5V
100
ns
tWP
Write Cycle Time
1.8V
≤ Vcc < 2.5V
10
ms
2.5V
≤ Vcc < 4.5V
5ms
4.5V
≤ Vcc ≤ 5.5V
5ms
Notes:
1. C L = 100pF


Similar Part No. - IS93C66A-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3G ISSI-IS93C66-3G Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GI ISSI-IS93C66-3GI Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GR ISSI-IS93C66-3GR Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GRI ISSI-IS93C66-3GRI Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C66A-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com