Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61VPS51218A-200B3I Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61VPS51218A-200B3I
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS51218A-200B3I Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61VPS51218A-200B3I Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS51218A-200B3I Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
04/29/05
IS61VPS25636A, IS61LPS25636A, IS61VPS51218A, IS61LPS51218A
ISSI®
119 BGA PACKAGE PIN CONFIGURATION
512KX18 (TOP VIEW)
PIN DESCRIPTIONS
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
123456
7
A
VDDQ
AA
ADSP
AA
VDDQ
B
NC
CE2
A
ADSC
A
A
NC
C
NC
A
A
VDD
A
A
NC
D
DQb
NC
Vss
NC
Vss
DQPa
NC
E
NC
DQb
Vss
CE
Vss
NC
DQa
F
VDDQ
NC
Vss
OE
Vss
DQa
VDDQ
G
NC
DQb
BWb
ADV
Vss
NC
DQa
H
DQb
NC
Vss
GW
Vss
DQa
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQb
Vss
CLK
Vss
NC
DQa
L
DQb
NC
Vss
NC
BWa
DQa
NC
M
VDDQ
DQb
Vss
BWE
Vss
NC
VDDQ
N
DQb
NC
Vss
A1*
Vss
DQa
NC
P
NC
DQPb
Vss
A0*
Vss
NC
DQa
R
NC
A
MODE
VDD
NC
A
NC
T
NC
A
A
NC
A
A
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE, CE2
Synchronous Chip Select
BWx (x=a,b) Synchronous Byte Write Controls
BWE
Byte Write Enable
Symbol
Pin Name
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQa-DQb
Data Inputs/Outputs
DQPa-Pb
Output Power Supply
VDD
Power Supply
VDDQ
Output Power Supply
Vss
Ground


Similar Part No. - IS61VPS51218A-200B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS51218A ISSI-IS61VPS51218A Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS51218A ISSI-IS61VPS51218A Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61VPS51218A-200B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com