Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS93C66A-3PLA3 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS93C66A-3PLA3
Description  2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C66A-3PLA3 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS93C66A-3PLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
05/02/06
IS93C56A
IS93C66A
ISSI®
INSTRUCTION SET - IS93C56A (2kb)
8-bit Organization
16-bit Organization
(ORG = GND)
(ORG = Vcc)
Instruction(2)
Start Bit
OP Code
Address (1)
Input Data
Address (1)
Input Data
READ
1
10
x(A7-A0)
x(A6-A0)—
WEN (Write Enable)
1
00
11xxxxxxx
11xxxxxx
WRITE
1
01
x(A7-A0)(D7-D0)
x(A6-A0)(D15-D0)
WRALL (Write All Registers)
1
00
01xxxxxxx
(D7-D0)
01xxxxxx
(D15-D0)
WDS (Write Disable)
1
00
00xxxxxxx
00xxxxxx
ERASE
1
11
x(A7-A0)
x(A6-A0)—
ERAL (Erase All Registers)
1
00
10xxxxxxx
10xxxxxx
Notes:
1. x = Don't care bit.
2. If the number of bits clocked-in does not match the number corresponding to a selected command, all extra trailing bits are ignored,
and WRITE, WRALL, ERASE, and ERAL are also ignored, but READ, WEN, WDS are accepted.
Notes:
1. x = Don't care bit.
2. If the number of bits clocked-in does not match the number corresponding to a selected command, all extra trailing bits are ignored,
and WRITE, WRALL, ERASE, and ERAL are also ignored, but READ, WEN, WDS are accepted.
INSTRUCTION SET - IS93C66A (4kb)
8-bit Organization
16-bit Organization
(ORG = GND)
(ORG = Vcc)
Instruction(2)
Start Bit
OP Code
Address (1)
Input Data
Address (1)
Input Data
READ
1
10
(A8-A0)—
(A7-A0)—
WEN (Write Enable)
1
00
11xxxxxxx
11xxxxxx
WRITE
1
01
(A8-A0)(D7-D0)(A7-A0)(D15-D0)
WRALL (Write All Registers)
1
00
01xxxxxxx
(D7-D0)
01xxxxxx
(D15-D0)
WDS (Write Disable)
1
00
00xxxxxxx
00xxxxxx
ERASE
1
11
(A8-A0)—
(A7-A0)—
ERAL (Erase All Registers)
1
00
10xxxxxxx
10xxxxxx


Similar Part No. - IS93C66A-3PLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3G ISSI-IS93C66-3G Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GI ISSI-IS93C66-3GI Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GR ISSI-IS93C66-3GR Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GRI ISSI-IS93C66-3GRI Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C66A-3PLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com