Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AG11-S0TYY Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-AG11-S0TYY
Description  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AG11-S0TYY Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-AG11-S0TYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Part Numbering System
HLMP-X X X X - X X X XX
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
YY: Flexi-Bin; Bulk Packaging
ZZ: Flexi-Bin; Ammo Pack
Color Bin
0: No Color Bin Limitation
R: Color Bins 1, 2, 4, and 6 with VF max of 2.6 V
T: Red Color with VF max of 2.6 V
B: Color bin 2 and 3 only
K: Color bins 2 and 4 only
S: Color bins 2 and 4 with VF max of 2.6 V
Maximum Intensity Bin
0: No Iv Bin Limitation
Minimum Intensity Bin
Tint Option
1 or 6: Matching Color Tints
Standoff Option
0: Without
1: With
Color
B: 472 nm Blue
D: 630 nm Red
G: 626 nm Red
L: 590 or 592 nm Amber
M: 526 nm Green
Package
A: 5 mm 35
° x 70° Oval, Parallel
B: 5 mm 35
° x 70° Oval, Perpendicular


Similar Part No. - HLMP-AG11-S0TYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62 AVAGO-HLMP-AG62 Datasheet
211Kb / 11P
   Viewing Angle: 30째x70째 and 40째x100째
HLMP-AG62-UX0DD AVAGO-HLMP-AG62-UX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AG62-X10DD AVAGO-HLMP-AG62-X10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AG63 AVAGO-HLMP-AG63 Datasheet
211Kb / 11P
   Viewing Angle: 30째x70째 and 40째x100째
More results

Similar Description - HLMP-AG11-S0TYY

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com