Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS93C46A-3ZL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS93C46A-3ZL
Description  1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46A-3ZL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS93C46A-3ZL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C46A-3ZL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. E
06/07/04
IS93C46A
ISSI®
POWER SUPPLY CHARACTERISTICS
TA = –40°C to +125°C for Automotive
Symbol Parameter
Test Conditions
Vcc
Min.
Max.
Unit
ICC1
Vcc Read Supply Current
CS = VIH, SK = 1 MHz
2.7V
100
µA
CMOS input levels
5.0V
500
µA
ICC2
Vcc Write Supply Current
CS = VIH, SK = 1 MHz
2.7V
1
mA
CMOS input levels
5.0V
3
mA
ISB
StandbyCurrent
CS = VIH, SK = 0V
2.7V
3
µA
5.0V
8
µA
POWER SUPPLY CHARACTERISTICS
TA = –40°C to +85°C for Industrial
Symbol Parameter
Test Conditions
Vcc
Min.
Max.
Unit
ICC1
Vcc Read Supply Current
CS = VIH, SK = 1 MHz
2.7V
100
µA
CMOS input levels
5.0V
500
µA
ICC2
Vcc Write Supply Current
CS = VIH, SK = 1 MHz
2.7V
1
mA
CMOS input levels
5.0V
3
mA
ISB
StandbyCurrent
CS = VIH, SK = 0V
2.7V
2
µA
5.0V
4
µA
POWER SUPPLY CHARACTERISTICS
TA = 0°C to +70°C for Commercial
Symbol Parameter
Test Conditions
Vcc
Min.
Max.
Unit
ICC1
Vcc Read Supply Current
CS = VIH, SK = 1 MHz
2.7V
100
µA
CMOS input levels
5.0V
500
µA
ICC2
Vcc Write Supply Current
CS = VIH, SK = 1 MHz
2.7V
1
mA
CMOS input levels
5.0V
3
mA
ISB
StandbyCurrent
CS = VIH, SK = 0V
2.7V
10
µA
5.0V
30
µA


Similar Part No. - IS93C46A-3ZL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46A-3ZL

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com