Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS93C46B-3G Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS93C46B-3G
Description  1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46B-3G Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS93C46B-3G Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS93C46B-3G Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. A
07/23/03
IS93C46B
ISSI®
AC ELECTRICAL CHARACTERISTICS
TA = TA = 0°C to +70°C for Commercial, –40°C to +85°C for Industrial
Symbol Parameter
Test Conditions
Vcc
Min.
Max.
Unit
fSK
SK Clock Frequency
2.5V to 5.5V
0
1
Mhz
2.7V to 5.5V
0
1
Mhz
4.5V to 5.5V
0
2
Mhz
tSKH
SK HIGH Time
2.5V to 5.5V
500
ns
2.7V to 5.5V
350
ns
4.5V to 5.5V
250
ns
tSKL
SK LOW Time
2.5V to 5.5V
500
ns
2.7V to 5.5V
350
ns
4.5V to 5.5V
250
ns
tCS
Minimum CS LOW Time
2.5V to 5.5V
500
ns
2.7V to 5.5V
250
ns
4.5V to 5.5V
250
ns
tCSS
CS Setup Time
Relative to SK
2.5V to 5.5V
100
ns
2.7V to 5.5V
50
ns
4.5V to 5.5V
50
ns
tDIS
Din Setup Time
Relative to SK
2.5V to 5.5V
100
ns
2.7V to 5.5V
100
ns
4.5V to 5.5V
100
ns
tCSH
CS Hold Time
Relative to SK
2.5V to 5.5V
0
ns
2.7V to 5.5V
0
ns
4.5V to 5.5V
0
ns
tDIH
Din Hold Time
Relative to SK
2.5V to 5.5V
100
ns
2.7V to 5.5V
100
ns
4.5V to 5.5V
100
ns
tPD1
Output Delay to “1”
AC Test
2.5V to 5.5V
400
ns
2.7V to 5.5V
350
ns
4.5V to 5.5V
250
ns
tPD0
Output Delay to “0”
AC Test
2.5V to 5.5V
400
ns
2.7V to 5.5V
350
ns
4.5V to 5.5V
250
ns
tSV
CS to Status Valid
AC Test
2.5V to 5.5V
400
ns
2.7V to 5.5V
250
ns
4.5V to 5.5V
250
ns
tDF
CS to Dout in 3-state
AC Test, CS=VIL
2.5V to 5.5V
200
ns
2.7V to 5.5V
200
ns
4.5V to 5.5V
100
ns
tWP
Write Cycle Time
2.5V to 5.5V
10
ms
2.7V to 5.5V
10
ms
4.5V to 5.5V
5ms
Notes:
1. C L = 100pF


Similar Part No. - IS93C46B-3G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46B-3G

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com