Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV1024BLL-15TLA3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS64WV1024BLL-15TLA3
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV1024BLL-15TLA3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS64WV1024BLL-15TLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15TLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
05/10/06
ISSI®
IS63WV1024BLL
IS64WV1024BLL
AC TEST CONDITIONS
Parameter
Unit
Unit
(2.5V-3.6V)
(3.3V + 10%)
Input Pulse Level
0V to VDD V
0V to VDD V
Input Rise and Fall Times
1.5ns
1.5ns
Input and Output Timing
VDD/2
VDD/2 + 0.05
and Reference Level (VRef)
Output Load
See Figures 1a and 1b
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
30 pF
Including
jig and
scope
Zo=50
Ω
OUTPUT
VRef
50
Ω
319
Ω
5 pF
Including
jig and
scope
353
Ω
OUTPUT
2.5V


Similar Part No. - IS64WV1024BLL-15TLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV102416BLL ISSI-IS64WV102416BLL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL ISSI-IS64WV102416BLL Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL ISSI-IS64WV102416BLL Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL-10CTLA3 ISSI-IS64WV102416BLL-10CTLA3 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL-10MA3 ISSI-IS64WV102416BLL-10MA3 Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64WV1024BLL-15TLA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com