Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62U6416LL-20KI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS62U6416LL-20KI
Description  64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62U6416LL-20KI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS62U6416LL-20KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62U6416LL-20KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IS62U6416LL
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
ADVANCE INFORMATION SR034-0C
12/09/98
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
FEATURES
• Access time: 200 ns
• CMOS low power operation
– 40 mW (typical) operating
– 90
µW (typical) standby
• TTL compatible interface levels
• Single 1.8V-2.7V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in Jedec Std 44-pin SOJ package,
44-pin TSOP (Type II), and 48-pin mini BGA
IS62U6416LL
64K x 16 LOW VOLTAGE,
ULTRA-LOW POWER CMOS STATIC RAM
DESCRIPTION
The
ISSI IS62U6416LL is an ultra-low power, 1,048,576-bit
static RAM organized as 65,536 words by 16 bits. It is
fabricated using
ISSI's high-performance CMOS technology.
This highly reliable process coupled with innovative circuit
design techniques yields access times as fast as 200 ns with
low power consumption.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down
with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
FUNCTIONAL BLOCK DIAGRAM
ADVANCE INFORMATION
DECEMBER 1998
The specification contains ADVANCE INFORMATION. ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible
product. We assume no responsibility for any errors which may appear in this publication. © Copyright 1998, Integrated Silicon Solution, Inc.
A0-A15
CE
OE
WE
64K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
ISSI®


Similar Part No. - IS62U6416LL-20KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62/65WV2568DALL ISSI-IS62/65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62/65WV2568DBLL ISSI-IS62/65WV2568DBLL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS621 ETC-IS621 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS622 ETC-IS622 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
More results

Similar Description - IS62U6416LL-20KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1M16A TMT-T15N1M16A Datasheet
102Kb / 13P
   64K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com