Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS62WV1288ALL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part No. IS62WV1288ALL
Description  128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV1288ALL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS62WV1288ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV1288ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. C
06/20/05
IS62WV1288ALL,
IS62WV1288BLL
ISSI®
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
62WV1288ALL (1.65V-2.2V)
Symbol Parameter
TestConditions
Max.
Unit
70ns
ICC
VDDDynamicOperating
VDD=Max.,
Com.
8
mA
SupplyCurrent
IOUT = 0 mA, f = fMAX
Ind.
8
typ.(2)
5
ICC1
OperatingSupply
VDD=Max.,
Com.
5
mA
Current
IOUT = 0 mA, f = 0
Ind.
5
ISB1
TTLStandbyCurrent
VDD=Max.,
Com.
0.8
mA
(TTLInputs)
VIN =VIH orVIL
Ind.
0.8
CS1=VIH,CS2=VIL,
f = 1 MHZ
ISB2
CMOSStandby
VDD=Max.,
Com.
10
µA
Current(CMOSInputs)
CS1
≥VDD–0.2V,
Ind.
10
CS2
≤ 0.2V,
typ.(2)
5
VIN
≥VDD–0.2V,or
VIN
≤0.2V, f=0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD=1.8V, TA=25oC. Not 100% tested.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
62WV1288BLL (2.5V - 3.6V)
Symbol Parameter
TestConditions
Max.
Max.
Unit
45ns
55ns
ICC
VDDDynamicOperating
VDD=Max.,
Com.
17
15
mA
SupplyCurrent
IOUT = 0mA, f = fMAX
Ind.
17
15
typ.(2)
12
10
ICC1
OperatingSupply
VDD=Max.,
Com.
5
5
mA
Current
IOUT = 0 mA, f = 0
Ind.
5
5
ISB1
TTLStandbyCurrent
VDD=Max.,
Com.
0.8
0.8
mA
(TTLInputs)
VIN =VIH or VIL
Ind.
0.8
0.8
CS1=VIH,CS2=VIL,
f = 1 MHZ
ISB2
CMOSStandby
VDD=Max.,
Com.
10
10
µA
Current(CMOSInputs)
CS1
≥VDD–0.2V,
Ind.
10
10
CS2
≤ 0.2V,
typ.(2)
55
VIN
≥VDD–0.2V,or
VIN
≤0.2V,f=0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD=3.0V, TA=25oC. Not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IC62LV12816L 128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
IS62LV12816L 128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
IS62WV12816ALL 128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
IS65WV12816ALL 128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
K6F2016U4E 128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
IS62WV51216ALL 512K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
62WV5128ALL 512K x 8 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
DS_K6F2016U4E 128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
IC62LV1008L 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
IC62LV5128L 512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM 1  2  3  4  5  More Integrated Circuit Solution Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn