Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV20488BLL Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS64WV20488BLL
Description  2M x 8 HIGH-SPEED CMOS STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV20488BLL Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS64WV20488BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS64WV20488BLL Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. 00C
01/09/06
ISSI®
IS61WV20488ALL
IS61WV20488BLL
IS64WV20488BLL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8
-10
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tWC
WriteCycleTime
8
10
ns
tSCE
CEtoWriteEnd
6.5
8
ns
tAW
AddressSetupTime
6.5
8
ns
toWriteEnd
tHA
AddressHoldfromWriteEnd
0
0
ns
tSA
AddressSetupTime
0
0
ns
tPWE1
WE PulseWidth(OE = HIGH)
6.5
8
ns
tPWE2
WEPulseWidth (OE=LOW)
8.0
10
ns
tSD
DataSetuptoWriteEnd
5
6
ns
tHD
DataHoldfromWriteEnd
0
0
ns
tHZWE(2)
WELOWtoHigh-ZOutput
3.5
5
ns
tLZWE(2)
WEHIGHtoLow-ZOutput
2
2
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the write. Shaded area product in development


Similar Part No. - IS64WV20488BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV25616BLL-10BA3 ISSI-IS64WV25616BLL-10BA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10BLA3 ISSI-IS64WV25616BLL-10BLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTA3 ISSI-IS64WV25616BLL-10CTA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTLA3 ISSI-IS64WV25616BLL-10CTLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL/BLS ISSI-IS64WV25616BLL/BLS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV20488BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV20488ALL ISSI-IS61WV20488ALL_10 Datasheet
365Kb / 19P
   2M x 8 HIGH-SPEED CMOS STATIC RAM
IS62WV20488ALL ISSI-IS62WV20488ALL Datasheet
116Kb / 16P
   2M x 8 HIGH-SPEED LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1069AV33 CYPRESS-CY7C1069AV33_06 Datasheet
398Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33 CYPRESS-CY7C1069AV33 Datasheet
249Kb / 9P
   2M x 8 Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com