Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV3216BLL-15BLA3 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS64WV3216BLL-15BLA3
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV3216BLL-15BLA3 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS64WV3216BLL-15BLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. A
09/26/05
ISSI®
IS64WV3216BLL
IS61WV3216BLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-12 ns
-15 ns
Symbol
Parameter
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
12
15
ns
tAA
Address Access Time
12
15
ns
tOHA
Output Hold Time
3
3
ns
tACE
CE Access Time
12
15
ns
tDOE
OE Access Time
6
7
ns
tHZOE(2)
OE to High-Z Output
6
0
6
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZCE(2
CE to High-Z Output
0
6
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
ns
tBA
LB, UB Access Time
6
7
ns
tHZB
LB, UB to High-Z Output
0
6
0
6
ns
tLZB
LB, UB to Low-Z Output
0
0
ns
Notes:
1. Test conditions assume signal transition times of 1.5 ns or less, timing reference levels of 1.25V, input pulse levels of 0V to
VDD V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.


Similar Part No. - IS64WV3216BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV3216DBLL/DBLS ISSI-IS64WV3216DBLL/DBLS Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV3216BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com