Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C16935SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P4C16935SC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C16935SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P4C16935SC Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C16935SC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
35
P4C168, P4C169, P4C170
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
t
RC
t
AA
Parameter
Read Cycle Time
Address Access Time
–12
–15
–20
–25
Min Max Min Max Min Max Min Max Min Max
–35
Unit
12
12
15
15
20
25
35
ns
ns
20
25
35
Chip Enable Access Time
t
AC
§
12
15
20
25
35
ns
Chip Select Access Time
t
AC
8
9
12
15
20
ns
t
OH
Output Hold from Address Change
2
2
2
2
2ns
Chip Enable to Output in Low Z
t
LZ
2
22
2
2
ns
Chip Disable to Output in High Z
t
HZ
6
79
10
15
ns
Output Enable to Data Valid
t
OE
812
10
15
15
ns
Output Enable to Output in Low Z
t
OLZ
00
0
00
ns
Output Disable to Output in High Z
t
OHZ
6
79
11
15
ns
Read Command Setup Time
t
RCS
00
0
00
ns
Read Command Hold Time
t
RCH
0
0
0
00
ns
Chip Enable to Power Up Time
t
PU
§
0
0
00
0
ns
Chip Disable to Power Down Time
t
PD
§
12
15
20
25
35
ns
§ P4C168 only
† P4C170 only
‡ Chip Select/Deselect for P4C169 and P4C170
TIMING WAVEFORM OF READ CYCLE NO. 1 (ADDRESS CONTROLLED)(5,6)
t
ADDRESS
DATA OUT
AA
t
tOH
DATA VALID
PREVIOUS DATA VALID
(9)
RC
Notes:
5.
WE is HIGH for READ cycle.
6.
CE/CS and OE are LOW for READ cycle.


Similar Part No. - P4C16935SC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C169 PYRAMID-P4C169 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CC PYRAMID-P4C169-12CC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CM PYRAMID-P4C169-12CM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DC PYRAMID-P4C169-12DC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DM PYRAMID-P4C169-12DM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C16935SC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com