Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F164 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74F164
Description  8-bit serial-in parallel-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74F164 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F164
8-bit serial-in parallel-out shift register
2000 Dec 18
3
LOGIC DIAGRAM
DQ
RD
Q0
1
Dsa
Dsb
2
CP
MR
3
8
9
VCC = Pin 14
GND = Pin 7
DQ
RD
Q1
4
DQ
RD
Q2
5
DQ
RD
Q3
6
DQ
RD
Q4
10
DQ
RD
Q5
11
DQ
RD
Q6
12
DQ
RD
Q7
13
SF00715
CP
CP
CP
CP
CP
CP
CP
CP
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
MR
CP
Dsa
Dsb
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
L
X
X
X
L
L
L
L
L
L
L
L
Reset (Clear)
H
l
l
L
q0
q1
q2
q3
q4
q5
q6
H
l
h
L
q0
q1
q2
q3
q4
q5
q6
Shift
H
h
l
L
q0
q1
q2
q3
q4
q5
q6
H
h
h
H
q0
q1
q2
q3
q4
q5
q6
H = High voltage level
h
= High voltage level one setup time prior to the Low-to-High clock transition.
L
= Low voltage level
l
= Low voltage level one setup time prior to the Low-to-High clock transition.
qn = Lower case letter indicate the state of the referenced output one setup time prior to the Low-to-High clock transition.
X = Don’t care
↑ = Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
T
b
Operating free-air temperature range
Commercial Range
0 to +70
°C
Tamb
O erating free-air tem erature range
Industrial Range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMIT
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
T
b
Operating free-air temperature range
Commercial Range
0
+70
°C
Tamb
O erating free-air tem erature range
Industrial Range
–40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn