Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74F163A Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. 74F163A
Description  4-bit binary counter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74F163A Datasheet(HTML) 8 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F161A, 74F163A
4-bit binary counters
1996 Jan 29
8
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
Tamb = –40°C to +85°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
100
130
90
75
MHz
tPLH
tPHL
Propagation delay
CP to Qn (PE = High)
Waveform 1
2.0
4.0
4.0
6.5
6.5
10.0
2.0
4.0
7.0
11.0
2.0
4.0
7.0
11.0
ns
tPLH
tPHL
Propagation delay
CP to Qn (PE = Low)
Waveform 1
2.0
3.5
4.5
5.5
6.5
8.5
2.0
3.5
7.5
9.5
2.0
3.5
7.5
9.5
ns
tPLH
tPHL
Propagation delay
CP to TC
Waveform 1
5.0
4.5
7.5
7.5
10.5
10.5
5.0
4.0
11.5
11.5
5.0
4.0
11.5
11.5
ns
tPLH
tPHL
Propagation delay
CET to TC
Waveform 2
1.5
2.5
3.5
5.0
6.5
7.5
1.5
2.5
7.0
8.0
1.5
2.5
7.0
8.0
ns
tPHL
Propagation delay
MR to Qn
’F161A
Waveform 3
6.0
8.5
12.0
5.5
13.0
5.5
13.0
ns
tPHL
Propagation delay
MR to TC
’F161A
Waveform 3
5.0
8.5
10.0
5.0
11.0
5.0
11.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
Tamb = –40°C to +85°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MIN
MIN
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
Waveform 6
5.0
5.0
5.0
5.0
5.0
5.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 6
0
0
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
PE or SR to CP
Waveform
5 or 6
9.0
6.5
9.5
7.0
9.5
7.0
ns
th(H)
th(L)
Hold time, High or Low
PE or SR to CP
Waveform
5 or 6
0
0
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
CET or CEP to CP
Waveform 4
10.5
6.0
10.5
7.0
10.5
7.0
ns
th(H)
th(L)
Hold time, High or Low
CET or CEP to CP
Waveform 4
0
0
0
0
0
0
ns
tw(H)
tw(L)
CP pulse width (Load)
High or Low
Waveform 1
4.0
5.0
4.0
5.5
4.0
7.0
ns
tw(H)
tw(L)
CP pulse width (Count)
High or Low
Waveform 1
4.0
6.0
4.0
7.0
4.0
7.0
ns
tw(L)
MR pulse width
Low
’F161A
Waveform 3
4.5
4.5
4.5
ns
tREC
Recovery time
MR to CP
’F161A
Waveform 3
6.0
6.5
6.5
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn