Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP12832A Datasheet(PDF) 28 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12832A
Description  128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12832A Datasheet(HTML) 28 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP12832A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 29Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
06/11/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
11 10
9
8
7
6
5
4
3
2
1
A1 CORNER
BOTTOM VIEW
D D1
e
e
E1
E
1
2
3
4
5
6
7
8
9
10
11
A1 CORNER
TOP VIEW
A2
A
A1
φ b (165X)
Ball Grid Array
Package Code: B (165-pin)
Notes:
1. Controlling dimensions are in millimeters.
BGA - 13mm x 15mm
MILLIMETERS
INCHES
Sym.
Min.
Nom.
Max.
Min.
Nom.
Max.
N0.
Leads
165
165
A
1.20
0.047
A1
0.25
0.33
0.40
0.010
0.013
0.016
A2
0.79
0.031
D
14.90
15.00
15.10
0.587
0.591
0.594
D1
13.90
14.00
14.10
0.547
0.551
0.555
E
12.90
13.00
13.10
0.508
0.512
0.516
E1
9.90
10.00
10.10
0.390
0.394
0.398
e—
1.00
0.039
b
0.40
0.45
0.50
0.016
0.018
0.020


Similar Part No. - IS61NLP12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com