Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP12832A Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12832A
Description  128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12832A Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP12832A Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61NLP12832A Datasheet HTML 29Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
26
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00C
09/12/05
ISSI®
IS61NLP12832A
IS61NLP12836A/IS61NVP12836A
IS61NLP25618A/IS61NVP25618A
ORDERING INFORMATION (VDD = 2.5V/VDDQ = 2.5V)
Commercial Range: 0°C to +70°C
Access Time
Order Part Number
Package
128Kx36
250
IS61NVP12836A-250TQ
100 TQFP
IS61NVP12836A-250B3
165 PBGA
IS61NVP12836A-250B2
119 PBGA
200
IS61NVP12836A-200TQ
100 TQFP
IS61NVP12836A-200B3
165 PBGA
IS61NVP12836A-200B2
119 PBGA
256Kx18
250
IS61NVP25618A-250TQ
100 TQFP
IS61NVP25618A-250B3
165 PBGA
IS61NVP25618A-250B2
119 PBGA
200
IS61NVP25618A-200TQ
100 TQFP
IS61NVP25618A-200B3
165 PBGA
IS61NVP25618A-200B2
119 PBGA
Industrial Range: -40°C to +85°C
Access Time
Order Part Number
Package
128Kx36
250
IS61NVP12836A-250TQI
100 TQFP
IS61NVP12836A-250B3I
165 PBGA
IS61NVP12836A-250B2I
119 PBGA
200
IS61NVP12836A-200TQI
100 TQFP
IS61NVP12836A-200B3I
165 PBGA
IS61NVP12836A-200B2I
119 PBGA
256Kx18
250
IS61NVP25618A-250TQI
100 TQFP
IS61NVP25618A-250B3I
165 PBGA
IS61NVP25618A-250B2I
119 PBGA
200
IS61NVP25618A-200TQI
100 TQFP
IS61NVP25618A-200B3I
165 PBGA
IS61NVP25618A-200B2I
119 PBGA


Similar Part No. - IS61NLP12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com