Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LPS12832A-250B3 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61LPS12832A-250B3
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS12832A-250B3 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61LPS12832A-250B3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. 00A
10/07/04
ISSI®
IS61(64)LPS12832A
IS61(64)LPS12836A IS61(64)VPS12836A
IS61(64)LPS25618A IS61(64)VPS25618A
INTERLEAVED BURST ADDRESS TABLE (MODE = VDD or No Connect)
External Address
1st Burst Address
2nd Burst Address
3rd Burst Address
A1 A0
A1 A0
A1 A0
A1 A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
LINEAR BURST ADDRESS TABLE (MODE = VSS)
0,0
1,0
0,1
A1', A0' = 1,1
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
–55 to +150
°C
PD
Power Dissipation
1.6
W
IOUT
Output Current (per I/O)
100
mA
VIN, VOUT Voltage Relative to Vss for I/O Pins
–0.5 to VDDQ + 0.5
V
VIN
Voltage Relative to Vss for
–0.5 to VDD + 0.5
V
for Address and Control Inputs
VDD
Voltage on VDD Supply Relative to Vss
–0.5 to 4.6
V
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause perma-
nent damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. This device contains circuity to protect the inputs against damage due to high static voltages or
electric fields; however, precautions may be taken to avoid application of any voltage higher than
maximum rated voltages to this high-impedance circuit.
3. This device contains circuitry that will ensure the output devices are in High-Z at power up.


Similar Part No. - IS61LPS12832A-250B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS12832EC-200B2 ISSI-IS61LPS12832EC-200B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B2I ISSI-IS61LPS12832EC-200B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B2L ISSI-IS61LPS12832EC-200B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B2LI ISSI-IS61LPS12832EC-200B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B3 ISSI-IS61LPS12832EC-200B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
More results

Similar Description - IS61LPS12832A-250B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com