Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25618A-6.5B3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LF25618A-6.5B3
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25618A-6.5B3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25618A-6.5B3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF25618A-6.5B3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00A
08/11/05
ISSI®
IS61(64)LF12832A, IS61(64)LF12836A, IS61(64)LF25618A
IS64VF12832A, IS61(64)VF12836A, IS61(64)VF25618A
PIN DESCRIPTIONS
165 PBGA PACKAGE PIN CONFIGURATION
128K X 36 (TOP VIEW)
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
12345
6
7
8
9
10
11
A
NC
A
CE
BWc
BWb
CE2
BWE
ADSC
ADV
ANC
B
NC
A
CE2
BWd
BWa
CLK
GW
OE
ADSP
ANC
C
DQPc
NC
VDDQ
Vss
Vss
Vss
Vss
Vss
VDDQ
NC
DQPb
D
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
E
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
F
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
G
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
H
NC
NC
NC
VDD
Vss
Vss
Vss
VDD
NC
NC
ZZ
J
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
K
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
L
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
M
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
N
DQPd
NC
VDDQ
Vss
NC
NC
NC
Vss
VDDQ
NC
DQPa
P
NC
NC
A
A
NC
A1*
NC
A
AANC
R
MODE
NC
A
A
NC
A0*
NC
A
AAA
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE, CE2, CE2
Synchronous Chip Select
BWx (x=a,b,c,d) Synchronous Byte Write
Controls
Symbol
Pin Name
BWE
Byte Write Enable
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
NC
No Connect
DQx
Data Inputs/Outputs
DQPx
Data Inputs/Outputs
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Power Supply
3.3V
/2.5V
Vss
Ground


Similar Part No. - IS61LF25618A-6.5B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25618EC-6.5B2 ISSI-IS61LF25618EC-6.5B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF25618EC-6.5B2I ISSI-IS61LF25618EC-6.5B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF25618EC-6.5B2L ISSI-IS61LF25618EC-6.5B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF25618EC-6.5B2LI ISSI-IS61LF25618EC-6.5B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LF25618EC-6.5B3 ISSI-IS61LF25618EC-6.5B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
More results

Similar Description - IS61LF25618A-6.5B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Motorola, Inc
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com