Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-BL11-S0RYY Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-BL11-S0RYY
Description  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BL11-S0RYY Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-BL11-S0RYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-BL11-S0RYY Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 8. Spatial radiation pattern – 35 x 70 degree lamps.
100
0
VERTICAL ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
50
10
30
40
40
0
20
-10
-30
-50
90
30
10
-20
-40
100
0
HORIZONTAL ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
50
10
30
40
40
0
20
-10
-30
-50
90
30
10
-20
-40
Intensity Bin Limits
(mcd at 20 mA)
Bin Name
Min.
Max.
G
140
180
H
180
240
J
240
310
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
1900
2500
Tolerance for each bin limit is ±15%.
Amber Color Bin Limits
(nm at 20 mA)
Bin Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Tolerance for each bin limit is ± 0.5 nm.
Notes:
1. All bin categories are established for classifi-
cation of products. Products may not be
available in all bin categories. Please contact
your Agilent representative for further
information.
2. Vf bin table only available for those numbers
with options -xxRxx, -xxSxx, -xxTxx.
Blue Color Bin Limits
(nm at 20 mA)
Bin Name
Min.
Max.
1
460.0
464.0
2
464.0
468.0
3
468.0
472.0
4
472.0
476.0
5
476.0
480.0
Tolerance for each bin limit is ± 0.5 nm.
Green Color Bin Limits
(nm at 20 mA)
Bin Name
Min.
Max.
1
520.0
524.0
2
524.0
528.0
3
528.0
532.0
4
532.0
536.0
5
536.0
540.0
Tolerance for each bin limit is ±0.5 nm.
Vf Bin Table[2]
Bin Id
Min.
Max.
VA
2.0
2.2
VB
2.2
2.4
VC
2.4
2.6


Similar Part No. - HLMP-BL11-S0RYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-N00 AVAGO-HLMP-BL06-N00 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-N00XX AVAGO-HLMP-BL06-N00XX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BLXX AVAGO-HLMP-BLXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Similar Description - HLMP-BL11-S0RYY

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com