Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS64LV51216 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part No. IS64LV51216
Description  512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64LV51216 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS64LV51216 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64LV51216 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. D
12/06/05
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
IS61LV51216
IS64LV51216
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
AC TEST LOADS
Figure 1
Figure 2
319
Ω
5 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V
ZO = 50
Ω
1.5V
50
Ω
OUTPUT
30 pF
Including
jig and
scope
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn