Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV256AL-10TL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LV256AL-10TL
Description  32K x 8 LOW VOLTAGE CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV256AL-10TL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV256AL-10TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV256AL-10TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
03/17/06
IS61LV256AL
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
FEATURES
• High-speed access times:
— 10 ns
• Automatic power-down when chip is deselected
• CMOS low power operation
— 60 µW (typical) CMOS standby
— 65 mW (typical) operating
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three-state outputs
• Lead-free available
DESCRIPTION
The
ISSI IS61LV256AL is a very high-speed, low power,
32,768-word by 8-bit static RAM. It is fabricated using
ISSI's high-performance CMOS technology. This highly
reliable process coupled with innovative circuit design
techniques, yields access times as fast as 8 ns maximum.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation is reduced to
150 µW (typical) with CMOS input levels.
Easy memory expansion is provided by using an active
LOW Chip Enable (
CE). The active LOW Write Enable
(
WE) controls both writing and reading of the memory.
The IS61LV256AL is available in the JEDEC standard 28-
pin, 300-mil SOJ and the 450-mil TSOP (Type I) packages.
32K x 8 LOW VOLTAGE
CMOS STATIC RAM
FUNCTIONAL BLOCK DIAGRAM
A0-A14
CE
OE
WE
32K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
MARCH 2006


Similar Part No. - IS61LV256AL-10TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV256AL-10TL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com