Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P4C168 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. P4C168
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

P4C168 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P4C168 Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C168 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P4C168, P4C169, P4C170
34
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT= 0V
7
pF
RECOMMENDED OPERATING CONDITIONS
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Grade(2)
Commercial
Military
Ambient Temp
0
°C to 70°C
–55
°C to +125°C
Gnd
0V
0V
V
CC
5.0V
± 10%
5.0V
± 10%
V
IH
V
IL
V
HC
V
LC
V
OH
I
LI
I
SB
I
SB1
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(CMOS Load)
Input Leakage Current
Output Leakage Current
Dynamic Operating
Current
Standby Power Supply
Current (TTL Input Levels)
P4C168 only
Standby Power
Supply Current
(CMOS Input Levels)
P4C168 only
Input Clamp Diode Voltage
Output Low Voltage
(CMOS Load)
Output High Voltage
(TTL Load)
Parameter
Symbol
Test Conditions
V
CC = Min., IIN = –18 mA
V
CC = Max., VIN = GND to VCC
V
CC = Max., CS = VIH,
V
OUT = GND to VCC
CE
≥ V
IH, VCC = Max., f = Max.,
Outputs Open
CE
≥ V
HC, VCC = Max., f = 0,
Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Mil.
Comm’l
Mil.
Comm’l
P4C168/169/170
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
+10
+5
+10
+5
Unit
V
V
V
V
–1.2
V
V
CD
I
OL = +8 mA, VCC = Min.
0.4
V
V
OL
I
OLC = +100 µA, VCC = Min.
0.2
V
V
OLC
I
OH = –4 mA, VCC = Min.
V
I
OHC = –100 µA, VCC = Min.
V
CC –0.2
V
V
OHC
µA
I
LO
µA
I
CC
35
mA
15
mA
___
___
V
CC = Max., f = Max., Outputs Open
130
mA
___
DC ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P4C1681ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P4C187ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P4C116ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P4C1981ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P4C147ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P4C422ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P4C150ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CXK5864BP8 192-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
BS616UV4016Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit 1 2 3 4 5 MoreBrilliance Semiconductor
CD74HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn