Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCKEP14D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCKEP14D
Description  2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCKEP14D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCKEP14D Datasheet HTML 1Page - NXP Semiconductors PCKEP14D Datasheet HTML 2Page - NXP Semiconductors PCKEP14D Datasheet HTML 3Page - NXP Semiconductors PCKEP14D Datasheet HTML 4Page - NXP Semiconductors PCKEP14D Datasheet HTML 5Page - NXP Semiconductors PCKEP14D Datasheet HTML 6Page - NXP Semiconductors PCKEP14D Datasheet HTML 7Page - NXP Semiconductors PCKEP14D Datasheet HTML 8Page - NXP Semiconductors PCKEP14D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PCKEP14
2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01 — 30 October 2002
Product data
1.
Description
The PCKEP14 is a low skew 1-to-5 differential driver, designed with clock distribution
in mind, accepting two clock sources into an input multiplexer. The ECL/PECL input
signals can be either differential or single-ended (if the VBB output is used). HSTL
inputs can be used when the PCKEP14 is operating under PECL conditions.
The PCKEP14 specifically guarantees low output-to-output skew. Optimal design,
layout, and processing minimize skew within a device, and from device to device.
To ensure that the tight skew specification is realized, both sides of any differential
output need to be terminated identically into 50
Ω resistors, even if only one output is
being used. If an output pair is unused, both outputs may be left open (unterminated)
without affecting skew.
The common enable (EN) is synchronous, outputs are enabled/disabled in the LOW
state. This avoids a runt clock pulse when the device is enabled/disabled, as can
happen with an asynchronous control. The internal flip-flop is clocked on the falling
edge of the input clock, therefore, all associated specification limits are referenced to
the negative edge of the clock input.
The PCKEP14, as with most other ECL devices, can be operated from a positive VCC
supply in PECL mode. This allows the PCKEP14 to be used for high performance
clock distribution in +3.3 V or +2.5 V systems.
2.
Features
s 100 ps device-to-device skew
s 25 ps within device skew
s 400 ps typical propagation delay
s Maximum frequency > 2 GHz (typical)
s Contains temperature compensation
s PECL and HSTL mode: VCC = 2.375 V to 3.8 V with VEE =0V
s NECL mode: VCC = 0 V with VEE = −2.375 V to −3.8 V
s LVDS input compatible
s Open input default state.


Similar Part No. - PCKEP14D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
PCKEL14D NXP-PCKEL14D Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
PCKEL14PW NXP-PCKEL14PW Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
More results

Similar Description - PCKEP14D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com