Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C1024AL Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # IS61C1024AL
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024AL Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button IS61C1024AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61C1024AL Datasheet HTML 17Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PACKAGING INFORMATION
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
10/29/03
Millimeters
Inches
Millimeters
Inches
Millimeters
Inches
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
No. Leads (N)
40
42
44
A
3.25
3.75
0.128
0.148
3.25
3.75
0.128 0.148
3.25
3.75
0.128 0.148
A1
0.64
0.025
0.64
0.025
0.64
0.025
A2
2.08
0.082
2.08
0.082
2.08
0.082
B
0.38
0.51
0.015
0.020
0.38
0.51
0.015 0.020
0.38
0.51
0.015 0.020
b
0.66
0.81
0.026
0.032
0.66
0.81
0.026 0.032
0.66
0.81
0.026 0.032
C
0.18
0.33
0.007
0.013
0.18
0.33
0.007 0.013
0.18
0.33
0.007 0.013
D
25.91 26.16
1.020
1.030
27.18
27.43
1.070 1.080
28.45 28.70
1.120 1.130
E
11.05 11.30
0.435
0.445
11.05
11.30
0.435 0.445
11.05 11.30
0.435 0.445
E1
10.03 10.29
0.395
0.405
10.03
10.29
0.395 0.405
10.03 10.29
0.395 0.405
E2
9.40 BSC
0.370 BSC
9.40 BSC
0.370 BSC
9.40 BSC
0.370 BSC
e
1.27 BSC
0.050 BSC
1.27 BSC
0.050 BSC
1.27 BSC
0.050 BSC


Similar Part No. - IS61C1024AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI ISSI-IS61C1024AL-12JLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12KI ISSI-IS61C1024AL-12KI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com