Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD907 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MTD907
Description  Ethernet Encoder/decoder and 10BaseT Transceiver with Built-in Waveform Shaper
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTD907 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MTD907 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD907 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MYSON
TECHNOLOGY
MTD907
MTD907 Revision 4.5 01/23/1997
3/14
17 AUT
I
Automatic Port
Selection
Active high input. When active, MTD907 defaults to the
AUI port if the TP link test fails. If driven low, the port
selection is determined by the PAU pin.
18 LEDR/
JABDIS
O
I
Receive LED,
Disable Jabber
Active low output driver for receiving the LED indicator.
The LED 'on’time is extended by at least 80 ms.
When externally tied or driven low, disables the internal
jabber timer.
19 LEDT/
PWDN
O
I
Transmit LED,
Power Down
Active low output driver for LED transmission indicator.
The LED 'on’time is extended by at least 80ms.
When externally tied or driven low, forces MTD907 into
power-down state.
20 LEDL/
LPSS
O
I
Link LED,
Link Pass
Active low output driver for link integrity LED indicator.
When externally tied or driven low, forces MTD907 into
'link pass' state.
21 LEDC/
FDX
O
I
Collision LED,
Full Duplex
Active low output driver for collision indicator LED. The
LED on time is extended by at least 80 ms.
When externally tied low, enables MTD907 for full duplex
operation by disabling internal TP loopback and TP
collision detection functions.
22 LBK
I
Loopback
Active high input; enables internal loopback mode.
23
33
VSS1
VSS2
-
Negative
Power Supply
Power supply ground.
24 TRST
I
Test Mode
Reset
Active high test mode reset signal. Only recognized in
test mode (TST pin high) and internally pulled low.
25 RCMPT
O
Remote
Compatible
Active high output; indicating TP transceiver at the
remote end is compatible with remote signaling.
26 RXD
O
Received Data
Output signal; recovers received data. Should be
connected directly to controller.
27 CRS
O
Carrier Sense
Output signal; detects incoming network traffic. Should
be connected directly to controller.
28 RXC
O
Received
Clock
Output signal; recovers received clock. Should be
connected directly to controller.
29 RJAB
O
Remote
Jabber
Active high output signal; indicates when the remote end
is in jabber state.
30 PLR
O
Polarity
Reversal
Active high output signal; indicates when the TP polarity
is reversed.
31
32
35
36
TPB
TPA
TNA
TNB
O
O
O
O
Twisted-pair
Transmission
Pairs A & B
Two differential driver pairs (A and B) for the TP cable.
The outputs are pre-equalized, thus no external filters
are required. The TPX pins and TNX pins must be
shorted together with a 24.9W 1% to match the 100W TP
impedance.
37 DSQ
I
Disable SQE
Active high input. When driven high, selects MTD907 for
hub/switch/repeater operation by disabling signal quality
test (heartbeat).
38
39
RDP
RDN
I
I
Receive Data
Input Pair (TP)
Differential input pair for TP cable. The reception filter is
integrated on-chip. No external filter is required.
40 PAU
I
Select
Port/AUI
Recognized only if the AUT pin is low. PAU=1 selects
AUI port, PAU=0 selects TP port. It is recommended
that you tie this pin to ground if driving AUT pin high.
41
42
DIP
DIN
I
I
AUI Reception
Pair
Differential input pair from the AUI transceiver DI circuit.
43
44
DOP
DON
O
O
AUI
Transmission
Pair
Differential output pair to the AUI transceiver DO circuit.


Similar Part No. - MTD907

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD9D0N06H8 CYSTEKEC-MTD9D0N06H8 Datasheet
498Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTD9D0P03H8 CYSTEKEC-MTD9D0P03H8 Datasheet
818Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
MTD9D0P03H8-0-T6-G CYSTEKEC-MTD9D0P03H8-0-T6-G Datasheet
818Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
MTD9D0P03J3 CYSTEKEC-MTD9D0P03J3 Datasheet
401Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTD9D0P03J3-0-T3-G CYSTEKEC-MTD9D0P03J3-0-T3-G Datasheet
401Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTD907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTD214 ETC-MTD214 Datasheet
262Kb / 11P
   Ethernet Encoder/Decoder and 10BaseT Transceiver with Built-in Waveform Shaper
logo
Texas Instruments
UCC5343 TI-UCC5343 Datasheet
183Kb / 6P
[Old version datasheet]   IrDA Transceiver with Encoder/Decoder
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Texas Instruments
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com