Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16400C1-7TA1 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS45S16400C1-7TA1
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400C1-7TA1 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS45S16400C1-7TA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
IS45S16400C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. C
10/25/05
enabled or disabled. AUTO PRECHARGE does not apply
except in full-page burst mode. Upon completion of the
READ or WRITE burst, a precharge of the bank/row that
is addressed is automatically performed.
AUTO REFRESH COMMAND
This command executes the AUTO REFRESH operation.
The row address and bank to be refreshed are automatically
generated during this operation. The stipulated period (tRC)
is required for a single refresh operation, and no other
commands can be executed during this period. This com-
mand is executed at least 4096 times every 64ms. During
an AUTO REFRESH command, address bits are “Don’t
Care”. This command corresponds to CBR Auto-refresh.
SELF REFRESH
During the SELF REFRESH operation, the row address to
be refreshed, the bank, and the refresh interval are
generated automatically internally. SELF REFRESH can
be used to retain data in the SDRAM without external
clocking, even if the rest of the system is powered down.
The SELF REFRESH operation is started by dropping the
CKE pin from HIGH to LOW. During the SELF REFRESH
operation all other inputs to the SDRAM become “Don’t
Care”. The device must remain in self refresh mode for a
minimum period equal to tRAS or may remain in self refresh
mode for an indefinite period beyond that. The SELF-
REFRESH operation continues as long as the CKE pin
remains LOW and there is no need for external control of
any other pins. The next command cannot be executed until
the device internal recovery period (tRC) has elapsed. Once
CKE goes HIGH, the NOP command must be issued
(minimum of two clocks) to provide time for the completion of
any internal refresh in progress. After the self-refresh, since
it is impossible to determine the address of the last row to
be refreshed, an AUTO-REFRESH should immediately be
performed for all addresses.
BURST TERMINATE
The BURST TERMINATE command forcibly terminates the
burst read and write operations by truncating either fixed-
length or full-page bursts and the most recently registered
READ or WRITE command prior to the BURST TERMI-
NATE.
COMMAND INHIBIT
COMMAND INHIBIT prevents new commands from being
executed. Operations in progress are not affected, apart
from whether the CLK signal is enabled
NO OPERATION
When
CS is low, the NOP command prevents unwanted
commands from being registered during idle or wait
states.
LOAD MODE REGISTER
During the LOAD MODE REGISTER command the mode
register is loaded from A0-A11. This command can only
be issued when all banks are idle.
ACTIVE COMMAND
When the ACTIVE COMMAND is activated, BA0, BA1
inputs selects a bank to be accessed, and the address
inputs on A0-A11 selects the row. Until a PRECHARGE
command is issued to the bank, the row remains open for
accesses.


Similar Part No. - IS45S16400C1-7TA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-6TLA1 ISSI-IS45S16400E-6TLA1 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-7TLA1 ISSI-IS45S16400E-7TLA1 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-7TLA2 ISSI-IS45S16400E-7TLA2 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400F ISSI-IS45S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400C1-7TA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com