Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16400C1-7TLA Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS45S16400C1-7TLA
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400C1-7TLA Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS45S16400C1-7TLA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400C1-7TLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
IS45S16400C1
ISSI®
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
10/25/05
GENERAL DESCRIPTION
The 64Mb SDRAM is a high speed CMOS, dynamic
random-access memory designed to operate in 3.3V
memory systems containing 67,108,864 bits. Internally
configured as a quad-bank DRAM with a synchronous
interface. Each 16,777,216-bit bank is organized as 4,096
rows by 256 columns by 16 bits.
The 64Mb SDRAM includes an AUTO REFRESH MODE,
and a power-saving, power-down mode. All signals are
registered on the positive edge of the clock signal, CLK.
All inputs and outputs are LVTTL compatible.
The 64Mb SDRAM has the ability to synchronously burst
data at a high data rate with automatic column-address
generation, the ability to interleave between internal banks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during
burst access.
A self-timed row precharge initiated at the end of the burst
sequence is available with the AUTO PRECHARGE
function enabled. Precharge one bank while accessing one
of the other three banks will hide the precharge cycles and
provide seamless, high-speed, random-access operation.
SDRAM read and write accesses are burst oriented starting
at a selected location and continuing for a programmed
number of locations in a programmed sequence. The
registration of an ACTIVE command begins accesses,
followed by a READ or WRITE command. The ACTIVE
command in conjunction with address bits registered are
used to select the bank and row to be accessed (BA0, BA1
select the bank; A0-A11 select the row). The READ or
WRITE commands in conjunction with address bits reg-
istered are used to select the starting column location for
the burst access.
Programmable READ or WRITE burst lengths consist of
1, 2, 4 and 8 locations, or full page, with a burst terminate
option.
CLK
CKE
CS
RAS
CAS
WE
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A11
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQM
DQ 0-15
VDD/VDDQ
GND/GNDQ
12
12
8
12
12
8
16
16
16
16
256K
(x 16)
4096
4096
4096
4096
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IS45S16400C1-7TLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-6TLA1 ISSI-IS45S16400E-6TLA1 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-7TLA1 ISSI-IS45S16400E-7TLA1 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-7TLA2 ISSI-IS45S16400E-7TLA2 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400F ISSI-IS45S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400C1-7TLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com