Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16100C1-7BLA Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS45S16100C1-7BLA
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16100C1-7BLA Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS45S16100C1-7BLA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16100C1-7BLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
IS45S16100C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. C
01/03/06
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD MAX
Maximum Supply Voltage
–1.0 to +4.6
V
VDDQ MAX
Maximum Supply Voltage for Output Buffer
–1.0 to +4.6
V
VIN
Input Voltage
–1.0 to +4.6
V
VOUT
Output Voltage
–1.0 to +4.6
V
PD MAX
Allowable Power Dissipation
1
W
ICS
Output Shorted Current
50
mA
TOPR
Operating Temperature
A
0 to +70
°C
A1
-40 to +85
°C
TSTG
Storage Temperature
–55 to +150
°C
DC RECOMMENDED OPERATING CONDITIONS(2) (A: TA = 0°C to +70°C, A1: TA = -40°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD, VDDQ
Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage(3)
2.0
VDD + 0.3
V
VIL
Input Low Voltage(4)
-0.3
+0.8
V
CAPACITANCE CHARACTERISTICS(1,2) (At TA = 0 to +25°C, VDD = VDDQ = 3.3 ± 0.3V, f = 1 MHz)
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Input Capacitance: A0-A11
4
pF
CIN2
Input Capacitance: (CLK, CKE,
CS, RAS, CAS, WE, LDQM, UDQM)
4
pF
CI/O
Data Input/Output Capacitance: DQ0-DQ15
5
pF
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. All voltages are referenced to GND.
3. VIH (max) = VDDQ + 2.0V with a pulse width
≤ 3 ns.
4. VIL (min) = VDDQ - 2.0V with a pulse width
≤ 3 ns.


Similar Part No. - IS45S16100C1-7BLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16100E ISSI-IS45S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-6TLA1 ISSI-IS45S16100E-6TLA1 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-7BLA1 ISSI-IS45S16100E-7BLA1 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-7BLA2 ISSI-IS45S16100E-7BLA2 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-7TLA1 ISSI-IS45S16100E-7TLA1 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16100C1-7BLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com