Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F148N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # N74F148N
Description  8-input priority encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F148N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button N74F148N Datasheet HTML 2Page - NXP Semiconductors N74F148N Datasheet HTML 3Page - NXP Semiconductors N74F148N Datasheet HTML 4Page - NXP Semiconductors N74F148N Datasheet HTML 5Page - NXP Semiconductors N74F148N Datasheet HTML 6Page - NXP Semiconductors N74F148N Datasheet HTML 7Page - NXP Semiconductors N74F148N Datasheet HTML 8Page - NXP Semiconductors N74F148N Datasheet HTML 9Page - NXP Semiconductors N74F148N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F148
8-input priority encoder
March 1, 1990
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
In to An
Waveform 2
3.5
3.5
6.0
6.0
9.0
9.0
3.5
3.5
10.0
10.0
ns
tPLH
tPHL
Propagation delay
In to EO
Waveform 1
1.5
1.5
3.0
2.5
6.5
6.5
1.5
1.5
7.5
7.5
ns
tPLH
tPHL
Propagation delay
In to GS
Waveform 2
2.0
2.0
4.0
4.0
8.0
8.0
2.0
2.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
EI to An
Waveform 2
3.5
3.0
6.0
5.5
8.5
8.0
3.5
3.0
9.5
9.0
ns
tPLH
tPHL
Propagation delay
EI to GS
Waveform 2
2.5
3.0
4.5
5.5
7.0
7.5
2.5
3.0
8.0
8.5
ns
tPLH
tPHL
Propagation delay
EI to EO
Waveform 2
3.0
3.5
5.0
5.0
7.0
7.5
3.0
3.5
8.0
9.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
An, EO, GS
In, EI
tPHL
tPLH
SF00186
Waveform 1.
For Inverting Outputs
VM
VM
VM
VM
An, EO, GS
In, EI
tPHL
tPLH
SF00187
Waveform 2.
For Non-Inverting Outputs
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - N74F148N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F14D PHILIPS-N74F14D Datasheet
70Kb / 8P
   Hex inverter Schmitt trigger
1990 Nov 26
N74F14N PHILIPS-N74F14N Datasheet
70Kb / 8P
   Hex inverter Schmitt trigger
1990 Nov 26
More results

Similar Description - N74F148N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
logo
NXP Semiconductors
HEF4532B PHILIPS-HEF4532B Datasheet
99Kb / 8P
   8-input priority encoder
January 1995
10165 PHILIPS-10165 Datasheet
222Kb / 5P
   8-Input Priority Encoder
June 14 1990
logo
Motorola, Inc
MC10165 MOTOROLA-MC10165 Datasheet
112Kb / 6P
   8-Input Priority Encoder
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
Fairchild Semiconductor
4532B FAIRCHILD-4532B Datasheet
119Kb / 3P
   8-INUPUT PRIORITY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com