Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR244NG00502CE-2-CSA Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FBR244NG00502CE-2-CSA
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR244NG00502CE-2-CSA Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FBR244NG00502CE-2-CSA Datasheet HTML 1Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 2Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 3Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 4Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FBR244 SERIES
NOT
FOR
NEW
DESIGNS
Maximum switching capacity
Contact load voltage (V)
0.1
10
20
150 220
30 50
0.3
0.5
1.0
ŒAC resistive load
(
AC contact rating)
DC resistive load
(
DC contact rating)
100
2.0
0.2

Œ
Œ

Release time
Coil power (W)
20
10
3
0.5
2
1
5
0.2 0.4 0.6 0.8 1.0 1.2
including bounce
time
not including
bounce time
Life curve
500
Contact load current (A)
50
5
10
1
100
(x104 )
0.5
1.0
1.5
2.0
28 V DC resistive load
120 V AC
resistive load
s REFERENCE DATA
60
50
40
30
20
10
010 20 30 40 50 60 70 80
0
Operate
Release
Distribution of operate and release voltage
Rated coil voltage multiplying factor (%)
Distribution of operate and release time
Time (ms)
100
80
60
40
20
01
2
3
4
5
6
7
8
0
Operate
Release
Contact resistance (m
Ω)
Distribution of contact resistance
0 10 20 30 4050 6070 80
80
100
60
40
20
0
s DIMENSIONS
qDimensions
qSchematic
(BOTTOM VIEW)
qPC board mounting hole
layout (BOTTOM VIEW)
qTube carrier
12.8 max.
25 pieces/tube
520 maximum
9.6+0.2
7.62
(1.0)
(0.99)
5.08
20.0+0.2
5.08
*
7.62
*:The terminals marked with an asterisk are kinked for temporary mounting on PC board.
1
16
4
13
6
11 9
8
8–ø0.8
7.62
5.08
5.08
Unit: mm


Similar Part No. - FBR244NG00502CE-2-CSA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
logo
RFE international
FBR200F RFE-FBR200F Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
FBR200UF RFE-FBR200UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
First Components Intern...
FBR20100 FCI-FBR20100 Datasheet
123Kb / 2P
   20 Amp HV SCHOTTKY BARRIER RECTIFIERS
FBR20100 FCI-FBR20100 Datasheet
70Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR244NG00502CE-2-CSA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com