Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA207A Datasheet(PDF) 1 Page - Texas Instruments

Part # INA207A
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA207A Datasheet(HTML) 1 Page - Texas Instruments

  INA207A Datasheet HTML 1Page - Texas Instruments INA207A Datasheet HTML 2Page - Texas Instruments INA207A Datasheet HTML 3Page - Texas Instruments INA207A Datasheet HTML 4Page - Texas Instruments INA207A Datasheet HTML 5Page - Texas Instruments INA207A Datasheet HTML 6Page - Texas Instruments INA207A Datasheet HTML 7Page - Texas Instruments INA207A Datasheet HTML 8Page - Texas Instruments INA207A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FEATURES
D COMPLETE CURRENT SENSE SOLUTION
D DUAL COMPARATORS:
− Comparator 1 with Latch
− Comparator 2 with Optional Delay
D COMMON-MODE RANGE: −16V to +80V
D HIGH ACCURACY: 3.5% (max) OVER TEMP
D BANDWIDTH: 500kHz
D QUIESCENT CURRENT: 1.8mA
D PACKAGES: SO-14, TSSOP-14, MSOP-10
APPLICATIONS
D NOTEBOOK COMPUTERS
D CELL PHONES
D TELECOM EQUIPMENT
D AUTOMOTIVE
D POWER MANAGEMENT
D BATTERY CHARGERS
D WELDING EQUIPMENT
DESCRIPTION
The INA206, INA207, and INA208 are a family of
high-side, current-shunt monitors with voltage output, dual
comparators, and voltage reference. The INA206,
INA207, and INA208 can sense drops across shunts at
common-mode voltages from −16V to +80V. The INA206,
INA207, and INA208 are available with three output
voltage scales: 20V/V, 50V/V, and 100V/V, with up to
500kHz bandwidth.
The INA206, INA207, and INA208 also incorporate two
open-drain comparators with internal 0.6V references. On
14-pin versions, the comparator references can be
overridden by external inputs. Comparator 1 includes a
latching
capability,
and
Comparator
2
has
a
user-programmable delay on 14-pin versions. 14-pin
versions also provide a 1.2V reference output.
The INA206, INA207, and INA208 operate from a single
+2.7V to +18V supply. They are specified over the
extended operating temperature range of −40
°C to
+125
°C.
1
2
3
4
5
10
9
8
7
6
V
IN+
V
IN
CMP1 OUT
CMP2 OUT
CMP1 RESET
V
S
OUT
CMP1 IN+
CMP2 IN
GND
INA206
− INA208
MSOP−10
0.6V REF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V
IN+
V
IN
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
V
S
OUT
CMP1 IN−/0.6V REF
CMP1 IN+
CMP2 IN
CMP2 IN+/0.6V REF
GND
INA206
− INA208
SO−14, TSSOP−14
1.2V REF
DEVICE
GAIN
INA206
20V/V
INA207
50V/V
INA208
100V/V
INA206
INA207
INA208
SBOS360 − JULY 2006
High-Side Measurement
Current-Shunt Monitor with Dual Comparators
INA20
x
INA20x
IN A
2 0 x
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - INA207A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA207AID TI1-INA207AID Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA207AIDG4 TI1-INA207AIDG4 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA207AIDGSR TI1-INA207AIDGSR Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA207AIDGSRG4 TI1-INA207AIDGSRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA207AIDGST TI1-INA207AIDGST Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA207A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com