Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16105B-60TLI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS41LV16105B-60TLI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16105B-60TLI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16105B-60TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
04/18/05
IS41LV16105B
ISSI®
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWCR
Write Command Hold Time
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
8—
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
13
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8—
10
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0—
ns
tDHR
Data-in Hold Time (referenced to
RAS)39
39
ns
tACH
Column-Address Setup Time to
CAS
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
10
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0—
ns
tDH
Data-In Hold Time(15, 22)
8—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
108
133
ns
tRWD
RAS to WE Delay Time during
64
77
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
32
ns
tAWD
Column-Address to
WE Delay Time(14)
39
47
ns
tPC
Fast Page Mode READ or WRITE
20
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—30
35
ns
tPRWC
READ-WRITE Cycle Time(24)
56
68
ns
tCOH
Data Output Hold after
CAS LOW
5
5
ns
tOFF
Output Buffer Turn-Off Delay from
1.6
12
1.6
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
310
3
10
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
5—
5—
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
8—
10
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period (1,024 Cycles)
16
16
ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
ns


Similar Part No. - IS41LV16105B-60TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16105 ICSI-IS41LV16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50K ICSI-IS41LV16105-50K Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50KI ICSI-IS41LV16105-50KI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50T ICSI-IS41LV16105-50T Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50TI ICSI-IS41LV16105-50TI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV16105B-60TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com