Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA206 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 5 Page - Texas Instruments

  INA206 Datasheet HTML 1Page - Texas Instruments INA206 Datasheet HTML 2Page - Texas Instruments INA206 Datasheet HTML 3Page - Texas Instruments INA206 Datasheet HTML 4Page - Texas Instruments INA206 Datasheet HTML 5Page - Texas Instruments INA206 Datasheet HTML 6Page - Texas Instruments INA206 Datasheet HTML 7Page - Texas Instruments INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
5
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, VS = +12V, VIN+ = 12V, VSENSE = 100mV, RL = 10kΩ to GND, and RPULL-UP = 5.1kΩ each connected from CMP1 OUT and
CMP2 OUT to VS, unless otherwise noted.
INA206, INA207, INA208
REFERENCE PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE VOLTAGE
1.2VREFOUT Output Voltage
1.188
1.2
1.212
V
Reference Drift
dVOUT/dT
TA = −40°C to +85°C
40
100
ppm/
°C
0.6VREF Output Voltage
(Pins 3 and 6 of 14-pin packages only)
0.6
V
Reference Drift
dVOUT/dT
TA = −40°C to +85°C
40
100
ppm/
°C
LOAD REGULATION
dVOUT/dILOAD
Sourcing
0mA < ISOURCE < 0.5mA
0.4
2
mV/mA
Sinking
0mA < ISINK < 0.5mA
0.4
mV/mA
LOAD CURRENT
ILOAD
1
mA
LINE REGULATION
dVOUT/dVS
2.7V < VS < 18V
30
µV/V
CAPACITIVE LOAD
Reference Output Max. Capacitive Load
No Sustained Oscillations
10
nF
OUTPUT IMPEDANCE
Pins 3 and 6 of 14-Pin Packages Only
10
k
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, VS = +12V, VIN+ = 12V, VSENSE = 100mV, RL = 10kΩ to GND, RPULL-UP = 5.1kΩ each connected from CMP1 OUT and
CMP2 OUT to VS, and CMP1 IN+ = 1V and CMP2 IN− = GND, unless otherwise noted.
INA206, INA207, INA208
GENERAL PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating Power Supply
VS
+2.7
+18
V
Quiescent Current
IQ
VOUT = 2V
1.8
2.2
mA
over Temperature
VSENSE = 0mV
2.8
mA
Comparator Power-On Reset Threshold(1)
1.5
V
TEMPERATURE
Specified Temperature Range
−40
+125
°C
Operating Temperature Range
−55
+150
°C
Storage Temperature Range
−65
+150
°C
Thermal Resistance
qJA
MSOP-10 Surface-Mount
200
°C/W
SO-14, TSSOP-14 Surface-Mount
150
°C/W
(1) The INA206, INA207, and INA208 are designed to power-up with the comparator in a defined reset state as long as CMP1 RESET is open or
grounded. The comparator will be in reset as long as the power supply is below the voltage shown here. The comparator will assume a state
based on the comparator input above this supply voltage. If CMP1 RESET is high at power-up, the comparator output comes up high and
requires a reset to assume a low state, if appropriate.


Similar Part No. - INA206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AID TI1-INA206AID Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDG4 TI1-INA206AIDG4 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDGSR TI1-INA206AIDGSR Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDGST TI1-INA206AIDGST Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA206

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com