Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA206 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 4 Page - Texas Instruments

  INA206 Datasheet HTML 1Page - Texas Instruments INA206 Datasheet HTML 2Page - Texas Instruments INA206 Datasheet HTML 3Page - Texas Instruments INA206 Datasheet HTML 4Page - Texas Instruments INA206 Datasheet HTML 5Page - Texas Instruments INA206 Datasheet HTML 6Page - Texas Instruments INA206 Datasheet HTML 7Page - Texas Instruments INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, VS = +12V, VIN+ = 12V, VSENSE = 100mV, RL = 10kΩ to GND, and RPULL-UP = 5.1kΩ each connected from CMP1 OUT and CMP2 OUT to VS,
unless otherwise noted.
INA206, INA207, INA208
COMPARATOR PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Offset Voltage
Comparator Common-Mode Voltage = Threshold Voltage
2
mV
Offset Voltage Drift, Comparator 1
±2
µV/°C
Offset Voltage Drift, Comparator 2
+5.4
µV/°C
Threshold
TA = +25°C
590
600
610
mV
over Temperature
586
614
mV
Hysteresis(1), CMP1
TA = −40°C to +85°C
−8
mV
Hysteresis(1), CMP2
TA = −40°C to +85°C
8
mV
INPUT BIAS CURRENT(2)
CMP1 IN+, CMP2 IN−
0.005
10
nA
vs Temperature
15
nA
INPUT IMPEDANCE
Pins 3 and 6 (14-pin packages only)
10
k
INPUT RANGE
CMP1 IN+ and CMP2 IN−
0V to VS − 1.5V
V
Pins 3 and 6 (14-pin packages only)(3)
0V to VS − 1.5V
V
OUTPUT
Large-Signal Differential Voltage Gain
CMP VOUT 1V to 4V, RL ≥ 15kΩ connected to 5V
200
V/mV
High-Level Output Current
VID = 0.4V, VOH = VS
0.0001
1
µA
Low-Level Output Voltage
VID = −0.6V, IOL = 2.35mA
220
300
mV
RESPONSE TIME(4)
Comparator 1
RL to 5V, CL = 15 pF, 100mV Input Step
with 5mV Overdrive
1.3
µs
Comparator 2
RL to 5V, CL = 15 pF, 100mV Input Step
with 5mV Overdrive, CDELAY Pin Open
1.3
µs
RESET
RESET Threshold(5)
1.1
V
Logic Input Impedance
2
M
Minimum RESET Pulse Width
1.5
µs
RESET Propagation Delay
3
µs
Comparator 2 Delay Equation(6)
CDELAY = tD/5
µF
Comparator 2 Delay
tD
CDELAY = 0.1µF
0.5
s
(1) Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the noninverting input of the
comparator. Refer to Figure 1.
(2) Specified by design.
(3) See the Comparator Maximum Input Voltage Range section in the Applications Information.
(4) The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
(5) RESET input has an internal 2MΩ (typical) pull-down. Leaving RESET open results in a LOW state, with transparent comparator operation.
(6) The Comparator 2 delay applies to both rising and falling edges of the comparator output.
Hysteresis = V
THRESHOLD − 8mV
V
THRESHOLD
Input Voltage
0.592
0.6
a) CMP1
Hysteresis = V
THRESHOLD − 8mV
V
THRESHOLD
Input Voltage
0.608
0.6
b) CMP2
Figure 1. Comparator Hysteresis


Similar Part No. - INA206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AID TI1-INA206AID Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDG4 TI1-INA206AIDG4 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDGSR TI1-INA206AIDGSR Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDGST TI1-INA206AIDGST Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA206

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com