Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S32200C1 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42S32200C1
Description  512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32200C1 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42S32200C1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
IS42S32200C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. 00E
05/18/06
PIN CONFIGURATIONS
86 pin TSOP - Type II for x32
PIN DESCRIPTIONS
A0-A10
Row Address Input
A0-A7
Column Address Input
BA0, BA1
Bank Select Address
DQ0 to DQ31
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDD
DQM0
WE
CAS
RAS
CS
NC
BA0
BA1
A10
A0
A1
A2
DQM2
VDD
NC
DQ16
VSSQ
DQ17
DQ18
VDDQ
DQ19
DQ20
VSSQ
DQ21
DQ22
VDDQ
DQ23
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSS
DQM1
NC
NC
CLK
CKE
A9
A8
A7
A6
A5
A4
A3
DQM3
VSS
NC
DQ31
VDDQ
DQ30
DQ29
VSSQ
DQ28
DQ27
VDDQ
DQ26
DQ25
VSSQ
DQ24
VSS
WE
Write Enable
DQM0-DQM3
x32 Input/Output Mask
VDD
Power
Vss
Ground
VDDQ
Power Supply for I/O Pin
VssQ
Ground for I/O Pin
NC
No Connection


Similar Part No. - IS42S32200C1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200 ISSI-IS42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6T ISSI-IS42S32200-6T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6TI ISSI-IS42S32200-6TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7T ISSI-IS42S32200-7T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7TI ISSI-IS42S32200-7TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32200C1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com