Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16105B-60TLE Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS41LV16105B-60TLE
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16105B-60TLE Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16105B-60TLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS41LV16105B-60TLE Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
Rev. B
04/18/05
IS41LV16105B
ISSI®
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycle (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. VIH (MIN) and VIL (MAX) are reference levels for measuring timing of input signals. Transition times, are measured between VIH and
VIL (or between VIL and VIH) and assume to be 1 ns for all inputs.
3. In addition to meeting the transition rate specification, all input signals must transit between VIH and VIL (or between VIL and VIH) in a
monotonic manner.
4. If
CAS and RAS = VIH, data output is High-Z.
5. If
CAS = VIL, data output may contain data from the last valid READ cycle.
6. Measured with a load equivalent to one TTL gate and 50 pF.
7. Assumes that tRCD
≤ tRCD (MAX). If tRCD is greater than the maximum recommended value shown in this table, tRAC will increase
by the amount that tRCD exceeds the value shown.
8. Assumes that tRCD
≥ tRCD (MAX).
9. If
CAS is LOW at the falling edge of RAS, data out will be maintained from the previous cycle. To initiate a new cycle and clear the data
output buffer,
CAS and RAS must be pulsed for tCP.
10. Operation with the tRCD (MAX) limit ensures that tRAC (MAX) can be met. tRCD (MAX) is specified as a reference point only; if tRCD is
greater than the specified tRCD (MAX) limit, access time is controlled exclusively by tCAC.
11. Operation within the tRAD (MAX) limit ensures that tRCD (MAX) can be met. tRAD (MAX) is specified as a reference point only; if tRAD is
greater than the specified tRAD (MAX) limit, access time is controlled exclusively by tAA.
12. Either tRCH or tRRH must be satisfied for a READ cycle.
13. tOFF (MAX) defines the time at which the output achieves the open circuit condition; it is not a reference to VOH or VOL.
14. tWCS, tRWD, tAWD and tCWD are restrictive operating parameters in LATE WRITE and READ-MODIFY-WRITE cycle only. If tWCS
≥ tWCS
(MIN), the cycle is an EARLY WRITE cycle and the data output will remain open circuit throughout the entire cycle. If tRWD
≥ tRWD
(MIN), tAWD
≥ tAWD (MIN) and tCWD ≥ tCWD (MIN), the cycle is a READ-WRITE cycle and the data output will contain data read from
the selected cell. If neither of the above conditions is met, the state of I/O (at access time and until
CAS and RAS or OE go back
to VIH) is indeterminate.
OE held HIGH and WE taken LOW after CAS goes LOW result in a LATE WRITE (OE-controlled) cycle.
15. Output parameter (I/O) is referenced to corresponding
CAS input, I/O0-I/O7 by LCAS and I/O8-I/O15 by UCAS.
16. During a READ cycle, if
OE is LOW then taken HIGH before CAS goes HIGH, I/O goes open. If OE is tied permanently LOW, a LATE
WRITE or READ-MODIFY-WRITE is not possible.
17. Write command is defined as
WE going low.
18. LATE WRITE and READ-MODIFY-WRITE cycles must have both tOD and tOEH met (
OE HIGH during WRITE cycle) in order to ensure
that the output buffers will be open during the WRITE cycle. The I/Os will provide the previously written data if
CAS remains LOW and
OE is taken back to LOW after tOEH is met.
19. The I/Os are in open during READ cycles once tOD or tOFF occur.
20. The first
χCAS edge to transition LOW.
21. The last
χCAS edge to transition HIGH.
22. These parameters are referenced to
CAS leading edge in EARLY WRITE cycles and WE leading edge in LATE WRITE or READ-
MODIFY-WRITE cycles.
23. Last falling
χCAS edge to first rising χCAS edge.
24. Last rising
χCAS edge to next cycle’s last rising χCAS edge.
25. Last rising
χCAS edge to first falling χCAS edge.
26. Each
χCAS must meet minimum pulse width.
27. Last
χCAS to go LOW.
28. I/Os controlled, regardless
UCAS and LCAS.
29. The 3 ns minimum is a parameter guaranteed by design.
30. Enables on-chip refresh and address counters.
AC TEST CONDITIONS
Output load: One TTL Load and 50 pF (VDD = 3.3V ±10%)
Input timing reference levels: VIH = 2.0V, VIL = 0.8V (VDD = 3.3V ±10%)
Output timing reference levels:
VOH = 2.0V, VOL = 0.8V (3.3V ±10%)


Similar Part No. - IS41LV16105B-60TLE

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16105 ICSI-IS41LV16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50K ICSI-IS41LV16105-50K Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50KI ICSI-IS41LV16105-50KI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50T ICSI-IS41LV16105-50T Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50TI ICSI-IS41LV16105-50TI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV16105B-60TLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com