Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5440 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5440
Description  Stereo Volume Control with Rotary Encoder Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5440 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5440 Datasheet HTML 1Page - Maxim Integrated Products MAX5440 Datasheet HTML 2Page - Maxim Integrated Products MAX5440 Datasheet HTML 3Page - Maxim Integrated Products MAX5440 Datasheet HTML 4Page - Maxim Integrated Products MAX5440 Datasheet HTML 5Page - Maxim Integrated Products MAX5440 Datasheet HTML 6Page - Maxim Integrated Products MAX5440 Datasheet HTML 7Page - Maxim Integrated Products MAX5440 Datasheet HTML 8Page - Maxim Integrated Products MAX5440 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Stereo Volume Control
with Rotary Encoder Interface
-75
-65
-70
-45
-50
-55
-60
-35
-40
-25
-30
0.01
1
0.1
10
100
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
VDD_ = 5V
±100mVP-P, VH = 5V
VL_ = 2.5V, W_ SET TO -6dB
0
100
50
200
150
250
300
LOGIC SUPPLY CURRENT
vs. LOGIC SUPPLY VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
2.5
3.5
4.0
3.0
4.5
5.0
5.5
ACTIVE CURRENT
STANDBY CURRENT
SHUTDOWN
0
100
50
200
150
300
250
350
-40
10
-15
35
60
85
ACTIVE LOGIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = VLOGIC = 5.5V,
RENCODEA = RENCODEB = 0
1.1752
1.1756
1.1754
1.1762
1.1760
1.1758
1.1768
1.1766
1.1764
1.1770
-40
10
-15
35
6085
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = VLOGIC = 5.5V,
RENCODEA = RENCODEB = 0
10
100
1000
00.5
2.0 2.5
1.0 1.5
3.0 3.5 4.0 4.5 5.0
DIGITAL SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
200
0
400
800
600
1000
1200
0.01
1
0.1
10
100
SPECTRAL NOISE DENSITY
FREQUENCY (kHz)
0
1
2
3
4
5
6
7
8
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY CURRENT
vs. INPUT VOLTAGE SWEEP
INPUT VOLTAGE SWEEP (VH_)
VDD = VLOGIC = 5V, W_ AT 0dB
RL = 10k
Ω TO VMIDBIAS
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)
_______________________________________________________________________________________
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn