Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5440 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5440
Description  Stereo Volume Control with Rotary Encoder Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5440 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5440 Datasheet HTML 1Page - Maxim Integrated Products MAX5440 Datasheet HTML 2Page - Maxim Integrated Products MAX5440 Datasheet HTML 3Page - Maxim Integrated Products MAX5440 Datasheet HTML 4Page - Maxim Integrated Products MAX5440 Datasheet HTML 5Page - Maxim Integrated Products MAX5440 Datasheet HTML 6Page - Maxim Integrated Products MAX5440 Datasheet HTML 7Page - Maxim Integrated Products MAX5440 Datasheet HTML 8Page - Maxim Integrated Products MAX5440 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Stereo Volume Control
with Rotary Encoder Interface
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-70
-60
-40
-50
-20
-10
-30
0
08
12
416
20242832
ATTENUATION vs. TAP POSITION
TAP POSITION
-0.25
-0.15
-0.20
-0.05
-0.10
0.05
0
0.10
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
1.38
1.41
1.40
1.39
1.42
1.43
1.44
1.45
1.46
1.47
1.48
-40
10
-15
35
60
85
TOTAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VLOGIC = VDD = 5.5V
WIPER
TRANSITION
FROM -2dB
TO -4dB
20ms/div
WIPER SWITCHING TRANSIENT
MAX5440 toc04
RENCODEA
RENCODEB
51ms
0
20
10
40
30
60
50
70
90
80
100
08
12
416
20242832
WIPER-TO-END TERMINAL VOLTAGE
vs. TAP POSITION
TAP POSITION
VHW
VWL
-2.8
-2.0
-2.4
-0.4
-0.8
-1.2
-1.6
0.8
0.4
0
0.01
1
0.1
10
100
1000
FREQUENCY RESPONSE
FREQUENCY (kHz)
VH_ = 2.5
±1VRMS, VL_ = 2.5V, CL_ = 33pF
W_ SET TO 0dB
-8.8
-8.0
-8.4
-6.4
-6.8
-7.6
-7.2
-5.6
-6.0
-5.2
0.01
1
0.1
10
100
1000
FREQUENCY RESPONSE
FREQUENCY (kHz)
W_ SET TO -6dB
VH_ = 2.5
±1VRMS, VL_ = 2.5V, CL_ = 33pF
0.001
0.01
0.1
0.001
0.1
0.01
1
10
100
THD+N vs. FREQUENCY
FREQUENCY (kHz)
W_ SET AT -2dB
VDD = 2.5V
VSS = -2.5V
L_ = VMIDBIAS
H_ = VMIDBIAS + 1VRMS
W_ SET AT -6dB
W_ SET AT 0dB
0.001
0.01
0.1
0.001
0.1
0.01
1
10
100
THD+N vs. FREQUENCY
FREQUENCY (kHz)
VDD = 5.0V
VSS = GND
L_ = VMIDBIAS
H_ = VMIDBIAS + 1VRMS
W_ SET AT -2dB
W_ SET AT -6dB
W_ SET AT 0dB


Similar Part No. - MAX5440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5440 MAXIM-MAX5440 Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
MAX5440 MAXIM-MAX5440 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
MAX5440EAG MAXIM-MAX5440EAG Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
MAX5440EAG++ MAXIM-MAX5440EAG+ Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
MAX5440 MAXIM-MAX5440_08 Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
More results

Similar Description - MAX5440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5440 MAXIM-MAX5440_08 Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
MAX5440 MAXIM-MAX5440_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
   Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
   Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
   Stereo Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com