Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5440 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX5440
Description  Stereo Volume Control with Rotary Encoder Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5440 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5440 Datasheet HTML 1Page - Maxim Integrated Products MAX5440 Datasheet HTML 2Page - Maxim Integrated Products MAX5440 Datasheet HTML 3Page - Maxim Integrated Products MAX5440 Datasheet HTML 4Page - Maxim Integrated Products MAX5440 Datasheet HTML 5Page - Maxim Integrated Products MAX5440 Datasheet HTML 6Page - Maxim Integrated Products MAX5440 Datasheet HTML 7Page - Maxim Integrated Products MAX5440 Datasheet HTML 8Page - Maxim Integrated Products MAX5440 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Stereo Volume Control
with Rotary Encoder Interface
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
SHDN, MUTE, RENCODEA, RENCODEB,
and MODE to GND............................-0.3V to (VLOGIC + 0.3V)
H_, L_, and W_ to VSS ...............................-0.3V to (VDD + 0.3V)
LEDIND_, MODEIND to GND................-0.3V to (VLOGIC + 0.3V)
MIDBIAS, BIAS to VSS......................(VSS - 0.3V) to (VDD + 0.3V)
VLOGIC to GND...........................................-0.3V to (VDD + 0.3V)
VDD to GND ..............................................................-0.3V to +6V
VDD to VSS ................................................................-0.3V to +6V
VSS to GND...............................................................-3V to +0.3V
Input and Output Latchup Immunity...............................±200mA
Continuous Power Dissipation (TA = +70°C)
24-Pin SSOP (derate 8mW/°C above +70°C) ..............640mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, VSS = GND = 0, 2.7V
≤ (VDD - VSS) ≤ 5.5V, VLOGIC = +2.7V to VDD, VH_ = VDD, VL_ = VDD / 2, TA = TMIN to
TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
2
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
End-to-End Resistance
R
36
40
52
k
Absolute Tolerance
±0.25
dB
Tap-to-Tap Tolerance
±0.1
dB
VH_= (VDD / 2) + 1VRMS, 1kHz tap at top, RL
=
∞ to VL_ = VDD / 2, 20Hz to 20kHz
0.004
VH_= (VDD / 2) + 1.5VRMS, 1kHz tap at top,
RL =
∞ to VL_ = VDD / 2, 20Hz to 20kHz
0.006
VDD = 5V,VSS = 0V, VL_ = 1.5V, VH_ =
(VDD / 2) + 1VRMS, 1kHz tap at top, RL =
10k
Ω to VMIDBIAS, 20Hz to 20kHz
0.004
Total Harmonic Distortion Plus
Noise
THD+N
VDD = 5V,VSS = 0V, VL_ = 5V, VH_= (VDD /
2) + 1.5VRMS, 1kHz tap at top, RL = 10k
to VMIDBIAS, 20Hz to 20kHz
0.006
%
Channel Isolation
100
dB
Interchannel Matching
±0.5
dB
Mute Attenuation
SHDN = VDD
90
dB
Power-Supply Rejection Ratio
PSRR
Input referred, 217Hz, 100mVP-P on VDD
-60
dB
H Terminal Capacitance
CH
5pF
L Terminal Capacitance
CL
7pF
End-to-End Resistance
35
ppm/°C
Ratiometric Resistance
5
ppm/°C
Bandwidth, -3dB
fCUTOFF
CW = 33pF
100
kHz
Output Noise
en
20Hz to 20kHz
3.2
µVRMS
WIPER BUFFER
Output Voltage Swing
VO
RL = 10k
Ω to VMIDBIAS
VDD - 0.2
V
Output Current
3mA
Output Resistance
ROWB
1
10
DC Offset
-5
±2
+5
mV
INTEGRATED BIAS GENERATOR
Output Voltage
ILOAD = 1mA
(VDD +
VSS) / 2
- 10mV
(VDD +
VSS)
/ 2
(VDD +
VSS) / 2 +
10mV
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn