Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16256B-60K Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS41LV16256B-60K
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16256B-60K Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16256B-60K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41LV16256B-60K Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
04/28/05
IS41LV16256B
ISSI®
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-35
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWP
Write Command Pulse Width(17)
5—
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
10
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8—
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)30
46
ns
tACH
Column-Address Setup Time to
CAS
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0
ns
tDH
Data-In Hold Time(15,22)
6—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
80
140
ns
tRWD
RAS to WE Delay Time during
46
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
25
36
ns
tAWD
Column-Address to
WE Delay Time(14)
30
49
ns
tPC
EDO Page Mode READ or WRITE
14
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
35
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—20
35
ns
tPRWC
EDO Page Mode READ-WRITE
45
60
ns
Cycle Time(24)
tCOH / tDOH
Data Output Hold after
CAS LOW
5
5
ns
tOFF
Output Buffer Turn-Off Delay from
3
10
3
15
ns
CAS or RAS(13,15,19,29)
tWHZ
Output Disable Delay from
WE
310
3
15
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
8—
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30,21)
8—
10
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (512 Cycles)
8
8
ms
tT
Transition Time (Rise or Fall)(2, 3)
250
2
50
ns


Similar Part No. - IS41LV16256B-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256-35K ISSI-IS41LV16256-35K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256-35K ICSI-IS41LV16256-35K Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256-35T ISSI-IS41LV16256-35T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256-35T ICSI-IS41LV16256-35T Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16256B-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com