Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4941 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM4941
Description  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4941 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4941 Datasheet HTML 1Page - National Semiconductor (TI) LM4941 Datasheet HTML 2Page - National Semiconductor (TI) LM4941 Datasheet HTML 3Page - National Semiconductor (TI) LM4941 Datasheet HTML 4Page - National Semiconductor (TI) LM4941 Datasheet HTML 5Page - National Semiconductor (TI) LM4941 Datasheet HTML 6Page - National Semiconductor (TI) LM4941 Datasheet HTML 7Page - National Semiconductor (TI) LM4941 Datasheet HTML 8Page - National Semiconductor (TI) LM4941 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Performance Characteristics (Note 9)
THD+N vs Output Power
V
DD = 5V, RL =8
Ω, f = 1kHz
THD+N vs Output Power
V
DD = 3V, RL =8
Ω, f = 1kHz
20170305
20170306
THD+N vs Frequency
V
DD = 5V, RL =8
Ω,P
O = 700mW
THD+N vs Frequency
V
DD = 3V, RL =8
Ω,P
O = 250mW
20170307
20170308
PSRR vs Frequency
V
DD = 5V, RL =8
Ω, Inputs terminated
PSRR vs Frequency
V
DD = 3V, RL =8
Ω, Inputs terminated
20170309
20170310
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn