Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4941 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM4941
Description  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4941 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4941 Datasheet HTML 1Page - National Semiconductor (TI) LM4941 Datasheet HTML 2Page - National Semiconductor (TI) LM4941 Datasheet HTML 3Page - National Semiconductor (TI) LM4941 Datasheet HTML 4Page - National Semiconductor (TI) LM4941 Datasheet HTML 5Page - National Semiconductor (TI) LM4941 Datasheet HTML 6Page - National Semiconductor (TI) LM4941 Datasheet HTML 7Page - National Semiconductor (TI) LM4941 Datasheet HTML 8Page - National Semiconductor (TI) LM4941 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA (TM)
100˚C/W
Soldering Information
See AN-1187
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.4V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V (Notes 1, 2)
The following specifications apply for V
DD = 5V, AV = 1, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4941
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, no load
V
IN = 0V, RL =8
1.7
1.7
2.5
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND
0.1
1
µA (max)
P
o
Output Power
THD = 1% (max);f=1kHz
R
L =8
1.25
1.1
W (min)
THD = 10% (max);f=1kHz
R
L =8
1.54
W
THD+N
Total Harmonic Distortion + Noise
P
o = .7 Wrms; f = 1kHz
.04
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
f = 217Hz (Note 8)
95
70
dB (min)
f = 1kHz (Note 8)
90
CMRR
Common-Mode Rejection Ratio
f = 217Hz, V
CM = 200mVpp
70
dB
f = 20Hz–20kHz , V
CM = 200mVpp
70
dB
V
OS
Output Offset
V
IN =0V
2
mV
V
SDIH
Shutdown Voltage Input High
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
0.4
V (max)
SNR
Signal-to-Noise Ratio
P
O = 1W, f = 1kHz
108
dB
T
WU
Wake-up Time from Shutdown
Cbypass = 1µF
12
ms
Electrical Characteristics V
DD =3V
(Notes 1, 2)
The following specifications apply for V
DD = 3V, AV = 1, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4941
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, no load
V
IN = 0V, RL =8
1.6
1.6
2.4
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND
0.1
1
µA (max)
P
o
Output Power
THD = 1% (max);f=1kHz
R
L =8
0.43
W
THD = 10% (max);f=1kHz
R
L =8
0.54
W
THD+N
Total Harmonic Distortion + Noise
P
o = 0.25Wrms; f = 1kHz
.05
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
f = 217Hz (Note 8)
95
dB
f = 1kHz (Note 8)
90
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn