Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV44054-60J Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS41LV44054-60J
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV44054-60J Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS41LV44054-60J Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV44054-60J Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
Rev. C
06/24/01
IS41C4405X
IS41LV4405X SERIES
ISSI®
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRWL
Write Command to
RAS Lead Time(17)
13
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8
10
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)39
39
ns
tACH
Column-Address Setup Time to
CAS
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
10
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0
0
ns
tDH
Data-In Hold Time(15, 22)
8
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
108
133
ns
tRWD
RAS to WE Delay Time during
64
77
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
32
ns
tAWD
Column-Address to
WE Delay Time(14)
39
47
ns
tPC
Fast Page Mode READ or WRITE
20
25
ns
Cycle Time
tRASP
RAS Pulse Width
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
30
35
ns
tPRWC
READ-WRITE Cycle Time(24)
56
68
ns
tCOH
Data Output Hold after
CAS LOW
5
5
ns
tOFF
Output Buffer Turn-Off Delay from
0
12
0
15
ns
CAS or RAS(13,15,19, 24)
tWHZ
Output Disable Delay from
WE
310
3
10
ns
tCSR
CAS Setup Time (CBR REFRESH)(20, 25)
5
5
ns
tCHR
CAS Hold Time (CBR REFRESH)( 21, 25)
8
10
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period
2,048 Cycles
32
32
ms
4,096 Cycles
64
64
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
ns
AC TEST CONDITIONS
Output load: Two TTL Loads and 50 pF (Vcc = 5.0V ±10%)
One TTL Load and 50 pF (Vcc = 3.3V ±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IS41LV44054-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV44052B ISSI-IS41LV44052B Datasheet
314Kb / 17P
   Fast Page Mode Access Cycle
More results

Similar Description - IS41LV44054-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com