Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C16-3ZLA3 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25C16-3ZLA3
Description  8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C16-3ZLA3 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25C16-3ZLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Preliminary Information
Rev. 00H
02/23/06
IS25C08
IS25C16
ISSI®
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C for Industrial, TA = –40°C to +125°C for Automotive.
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output LOW Voltage
VCC = 5V, IOL = 2 mA
0.4
V
VOL2
Output LOW Voltage
VCC = 2.5V, IOL = 1.5 mA
0.4
V
VOL3
Output LOW Voltage
VCC = 1.8V, IOL = 0.15 mA
0.2
V
VOH1
Output HIGH Voltage
VCC = 5V, IOH = -2 mA
0.8 X VCC
—V
VOH2
Output HIGH Voltage
VCC = 2.5V, IOH = -0.4mA
0.8 X VCC
—V
VOH3
Output HIGH Voltage
VCC = 1.8V, IOH = -0.1mA
0.8 X VCC
—V
VIH
Input HIGH Voltage
0.7X VCC
VCC + 1
V
VIL
Input LOW Voltage
-0.3
0.3 X VCC
V
ILI
Input Leakage Current
VIN = 0V TO VCC
-2
2
µA
ILO
Output Leakage Current
VOUT = 0V TO VCC,
CS = VCC
-2
2
µA
POWER SUPPLY CHARACTERISTICS
TA = –40°C to +85°C for Industrial.
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
Read/Write at 10 MHz (Vcc = 5V)
5.0
mA
ICC2
Vcc Operating Current
Read/Write at 5 MHz (Vcc = 2.5V)
3.0
mA
ICC3
Vcc Operating Current
Read/Write at 2 MHz (Vcc = 1.8V)
1.0
mA
ISB1
Standby Current
Vcc = 5.0V, VIN = VCC or GND
3.0
µA
CS = Vcc
ISB2
Standby Current
Vcc = 2.5V, VIN = VCC or GND
2.0
µA
CS = Vcc
ISB3
Standby Current
Vcc = 1.8V, VIN = VCC or GND
1.0
µA
CS = Vcc
POWER SUPPLY CHARACTERISTICS
TA = –40°C to +125°C for Automotive.
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
Read/Write at 5 MHz (Vcc = 5V)
4.0
mA
ICC2
Vcc Operating Current
Read/Write at 5 MHz (Vcc = 2.5V)
3.0
mA
ISB1
Standby Current
Vcc = 5.0V, VIN = VCC or GND
8.0
µA
CS = Vcc
ISB2
Standby Current
Vcc =2.5V, VIN = VCC or GND
5.0
µA
CS = Vcc


Similar Part No. - IS25C16-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C16-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com