Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C85125 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41C85125
Description  512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C85125 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41C85125 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C85125 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
09/25/01
IS41C85125
IS41LV85125
ISSI®
AC CHARACTERISTICS(1,2,3,4,5,6) (Recommended Operating Conditions unless otherwise noted.)
-35
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
60
110
ns
tRAC
Access Time from
RAS(6, 7)
35
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
10
15
ns
tAA
Access Time from Column-Address(6)
18
30
ns
tRAS
RAS Pulse Width
35
10K
60
10K
ns
tRP
RAS Precharge Time
20
40
ns
tCAS
CAS Pulse Width(26)
6
10K
10
10K
ns
tCP
CAS Precharge Time(9, 25)
5
10
ns
tCSH
CAS Hold Time (21)
35
60
ns
tRCD
RAS to CAS Delay Time(10, 20)
11
28
20
45
ns
tASR
Row-Address Setup Time
0
0
ns
tRAH
Row-Address Hold Time
6
10
ns
tASC
Column-Address Setup Time(20)
0
0
ns
tCAH
Column-Address Hold Time(20)
6
10
ns
tAR
Column-Address Hold Time
30
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
12
20
15
30
ns
tRAL
Column-Address to
RAS Lead Time
18
30
ns
tRPC
RAS to CAS Precharge Time
0
0
ns
tRSH
RAS Hold Time(27)
8
15
ns
tCLZ
CAS to Output in Low-Z(15, 29)
3
3
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
ns
tOD
Output Disable Time(19, 28, 29)
315
3
15
ns
tOE
Output Enable Time(15, 16)
10
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
10
10
ns
tOEP
OE HIGH Pulse Width
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
ns
tRRH
Read Command Hold Time
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17, 27)
5
10
ns
tWCR
Write Command Hold Time
30
50
ns
(referenced to
RAS)(17)
(Continued)


Similar Part No. - IS41C85125

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C8512-35K ICSI-IS41C8512-35K Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C8512-35KI ICSI-IS41C8512-35KI Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C8512-35T ICSI-IS41C8512-35T Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C8512-35TI ICSI-IS41C8512-35TI Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C85125

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com